Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP451AIDQFR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451AIDQFR
Description  짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP451AIDQFR Datasheet(HTML) 4 Page - Texas Instruments

  TMP451AIDQFR Datasheet HTML 1Page - Texas Instruments TMP451AIDQFR Datasheet HTML 2Page - Texas Instruments TMP451AIDQFR Datasheet HTML 3Page - Texas Instruments TMP451AIDQFR Datasheet HTML 4Page - Texas Instruments TMP451AIDQFR Datasheet HTML 5Page - Texas Instruments TMP451AIDQFR Datasheet HTML 6Page - Texas Instruments TMP451AIDQFR Datasheet HTML 7Page - Texas Instruments TMP451AIDQFR Datasheet HTML 8Page - Texas Instruments TMP451AIDQFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SCL
ALERTTHERM2
/
SDA
GND
6
7
8
5
4
V+
D+
D
-
THERM
1
2
3
TMP451
SBOS686 – JUNE 2013
www.ti.com
PIN CONFIGURATION
DQF PACKAGE
WSON-8 (DFN-8)
(TOP VIEW)
PIN ASSIGNMENTS
TMP451
NAME
NO.
DESCRIPTION
ALERT /
Interrupt or SMBus alert output. Can be configured as a second THERM output. Open-drain; requires pull-up resistor to voltage
6
THERM2
between 1.7 V and 3.6 V.
D–
3
Negative connection to remote temperature sensor.
D+
2
Positive connection to remote temperature sensor.
GND
5
Supply ground connection.
SCL
8
Serial clock line for SMBus. Input; requires pull-up resistor to voltage between 1.7 V and 3.6 V if driven by open-drain output.
SDA
7
Serial data line for SMBus. Open-drain; requires pull-up resistor to voltage between 1.7 V and 3.6 V.
THERM
4
Thernal shutdown or fan-control pin. Open-drain; requires pull-up resistor to voltage between 1.7 V and 3.6 V.
V+
1
Positive supply voltage, 1.7 V to 3.6 V.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TMP451


Similar Part No. - TMP451AIDQFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP451AQDQFRQ1 TI-TMP451AQDQFRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451AQDQFRQ1 TI1-TMP451AQDQFRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451AQDQFRQ1 TI1-TMP451AQDQFRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451AQDQFRQ1 TI1-TMP451AQDQFRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451AQDQFTQ1 TI1-TMP451AQDQFTQ1 Datasheet
1Mb / 37P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results

Similar Description - TMP451AIDQFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
[Old version datasheet]   TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI-TMP451-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP442 TI-TMP442_15 Datasheet
1Mb / 29P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1_V02 Datasheet
1Mb / 37P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com