Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5371B Datasheet(PDF) 3 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # 1N5371B
Description  5W ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

1N5371B Datasheet(HTML) 3 Page - Gaomi Xinghe Electronics Co., Ltd.

  1N5371B Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. 1N5371B Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. 1N5371B Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
1
10
100
1000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 1, Typ. Capacitance vs. Reverse Voltage
R
1N5350B
1N5357B
1N5365B
1N5378B
1N5388B
1
2
3
4
5
6
25
50
75
100
125
150
175
200
0
0
T LEAD TEMPERATURE 9.5 mm FROM BODY (ºC)
Fig. 3, Power Derating Curve
L,
1.0
1N5378B
10
100
1000
1.0
10
100
1N5388B
1N5365B
1N5357B
I , ZENER CURRENT (mA)
Fig. 2, Typ. Zener Impedance vs. Zener Current
ZT
GAOMI XINGHE ELECTRONICSCO.,LTD. WWW.SDDZG.COM  TEL:0536-2210359  QQ:464768017


Similar Part No. - 1N5371B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5371B MOTOROLA-1N5371B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
New Jersey Semi-Conduct...
1N5371B NJSEMI-1N5371B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Diotec Semiconductor
1N5371B DIOTEC-1N5371B Datasheet
131Kb / 2P
   Zener Diodes
logo
Semikron International
1N5371B SEMIKRON-1N5371B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Diotec Semiconductor
1N5371B DIOTEC-1N5371B Datasheet
85Kb / 2P
   Silicon-Power-Zener Diodes (non-planar technology)
More results

Similar Description - 1N5371B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
   5W ZENER DIODE
DS21407 Rev. D-3
logo
Diotech Company.
1N5333B DIOTECH-1N5333B Datasheet
869Kb / 3P
   5W SILICON ZENER DIODE
SMBJ5333B DIOTECH-SMBJ5333B Datasheet
733Kb / 3P
   5W SURFACE MOUNT SILICON ZENER DIODE
logo
Formosa MS
1N5338B FORMOSA-1N5338B Datasheet
948Kb / 4P
   5W Zener Diode 5.1 to 200V
logo
Dongguan Pingjingsemi T...
1N5333B PJSEMI-1N5333B Datasheet
1Mb / 6P
   5W Zener Doides
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
   5W, 11V - 51V Surface Mount Silicon Zener Diode
logo
Sensitron
1N4963 SENSITRON-1N4963 Datasheet
44Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4963 SENSITRON-1C4963 Datasheet
58Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4981 SENSITRON-1C4981 Datasheet
147Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1N4954 SENSITRON-1N4954 Datasheet
127Kb / 3P
   Zener 5W Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com