Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5366B Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # 1N5366B
Description  5W ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

1N5366B Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  1N5366B Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. 1N5366B Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. 1N5366B Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
VF = 1.2V max at IF = 1.0A all types.
Suffix ‘B’ denotes 5% tolerance which is standard.
Part
Number
Regulator
Voltage
(VZ)
Volts
Test
Current
(IZ)
mA dc
Maximum
Dynamic
Impedance
(ZZ)
Ohms
Maximum
Reverse
Current
(IR)
µA
IR Test
Voltage
(VR)
Volts
Maximum
Regulator
Current
(IZM)
mA
Maximum
Dynamic
Knee
Impedance
(ZZK
@1.0mA)
Ohms
Maximum
Surge
Current
(IZSM)
Amperes
Maximum
Voltage
Regulation
(
DVZ)
Volts
1N5344B
8.2
150
1.5
10
6.2
580
200
10.0
0.20
1N5345B
8.7
150
2.0
10
6.6
545
200
9.5
0.20
1N5346B
9.1
150
2.0
7.5
6.9
520
150
9.2
0.22
1N5347B
10
125
2.0
5.0
7.6
475
125
8.6
0.22
1N5348B
11
125
2.5
5.0
8.4
430
125
8.0
0.25
1N5349B
12
100
2.5
2.0
9.1
395
125
7.5
0.25
1N5350B
13
100
2.5
1.0
9.9
365
100
7.0
0.25
1N5351B
14
100
2.5
1.0
10.6
340
75.0
6.7
0.25
1N5352B
15
75
2.5
1.0
11.5
315
75.0
6.3
0.25
1N5353B
16
75
2.5
1.0
12.2
295
75.0
6.0
0.30
1N5354B
17
70
2.5
0.5
12.9
280
75.0
5.8
0.35
1N5355B
18
65
2.5
0.5
13.7
264
75.0
5.5
0.40
1N5356B
19
65
3.0
0.5
14.4
250
75.0
5.3
0.40
1N5357B
20
65
3.0
0.5
15.2
237
75.0
5.1
0.40
1N5358B
22
50
3.5
0.5
16.7
216
75.0
4.7
0.45
1N5359B
24
50
3.5
0.5
18.2
198
100
4.4
0.55
1N5360B
25
50
4.0
0.5
19.0
190
110
4.3
0.55
1N5361B
27
50
5.0
0.5
20.6
176
120
4.1
0.60
1N5362B
28
50
6.0
0.5
21.2
170
130
3.9
0.60
1N5363B
30
40
8.0
0.5
22.8
158
140
3.7
0.60
1N5364B
33
40
10
0.5
25.1
144
150
3.5
0.60
1N5365B
36
30
11
0.5
27.4
132
160
3.3
0.65
1N5366B
39
30
14
0.5
29.7
122
170
3.1
0.65
1N5367B
43
30
20
0.5
32.7
110
190
2.8
0.70
1N5368B
47
25
25
0.5
35.8
100
210
2.7
0.80
1N5369B
51
25
27
0.5
38.8
93.0
230
2.5
0.90
1N5370B
56
20
35
0.5
42.6
86.0
280
2.3
1.00
1N5371B
60
20
40
0.5
45.5
79.0
350
2.2
1.20
1N5372B
62
20
42
0.5
47.1
76.0
400
2.1
1.35
1N5373B
68
20
44
0.5
51.7
70.0
500
2.0
1.50
1N5374B
75
20
45
0.5
56.0
63.0
620
1.9
1.60
1N5375B
82
15
65
0.5
62.2
58.0
720
1.8
1.80
1N5376B
87
15
75
0.5
66.0
54.5
760
1.7
2.00
1N5377B
91
15
75
0.5
69.2
52.5
760
1.6
2.20
1N5378B
100
12
90
0.5
76.0
47.5
800
1.5
2.30
1N5379B
110
12
125
0.5
83.6
43.0
1000
1.4
2.50
1N5380B
120
10
170
0.5
91.2
39.5
1150
1.3
2.50
1N5381B
130
10
190
0.5
98.8
36.6
1250
1.2
2.50
1N5382B
140
8.0
230
0.5
106
34.0
1500
1.2
2.50
1N5383B
150
8.0
330
0.5
114
31.6
1500
1.1
3.00
1N5384B
160
8.0
350
0.5
122
29.4
1650
1.1
3.00
1N5385B
170
8.0
380
0.5
129
28.0
1750
1.0
3.00
1N5386B
180
5.0
430
0.5
137
26.4
1750
1.0
4.00
1N5387B
190
5.0
450
0.5
144
25.0
1850
0.9
5.00
1N5388B
200
5.0
480
0.5
152
23.6
1850
0.9
5.00
Electrical Characteristics
@ TA = 25°C unless otherwise specified
GAOMI XINGHE ELECTRONICSCO.,LTD. WWW.SDDZG.COM  TEL:0536-2210359  QQ:464768017


Similar Part No. - 1N5366B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5366B MOTOROLA-1N5366B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Microsemi Corporation
1N5366B MICROSEMI-1N5366B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Shenzhen Luguang Electr...
1N5366B LUGUANG-1N5366B Datasheet
2Mb / 5P
   Zener Diodes
logo
Semikron International
1N5366B SEMIKRON-1N5366B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
1N5366B EIC-1N5366B Datasheet
59Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5366B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
   5W ZENER DIODE
DS21407 Rev. D-3
logo
Diotech Company.
1N5333B DIOTECH-1N5333B Datasheet
869Kb / 3P
   5W SILICON ZENER DIODE
SMBJ5333B DIOTECH-SMBJ5333B Datasheet
733Kb / 3P
   5W SURFACE MOUNT SILICON ZENER DIODE
logo
Formosa MS
1N5338B FORMOSA-1N5338B Datasheet
948Kb / 4P
   5W Zener Diode 5.1 to 200V
logo
Dongguan Pingjingsemi T...
1N5333B PJSEMI-1N5333B Datasheet
1Mb / 6P
   5W Zener Doides
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
   5W, 11V - 51V Surface Mount Silicon Zener Diode
logo
Sensitron
1N4963 SENSITRON-1N4963 Datasheet
44Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4963 SENSITRON-1C4963 Datasheet
58Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4981 SENSITRON-1C4981 Datasheet
147Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1N4954 SENSITRON-1N4954 Datasheet
127Kb / 3P
   Zener 5W Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com