Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

647000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 647000
Description  MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 22 AWG, TIN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

647000 Datasheet(HTML) 1 Page - Tyco Electronics

  647000 Datasheet HTML 1Page - Tyco Electronics 647000 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 647000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
64700001003 LITTELFUSE-64700001003 Datasheet
543Kb / 1P
   647 Series Molded Fuse Block and 640 Series Adapter for 5횞20 mm Fuses
Revised: 05/31/21
More results

Similar Description - 647000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
647016 MACOM-647016 Datasheet
262Kb / 2P
   MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 22 AWG
647003 MACOM-647003 Datasheet
270Kb / 2P
   MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 28 AWG
647001 MACOM-647001 Datasheet
268Kb / 2P
   MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 24 AWG
647002 MACOM-647002 Datasheet
270Kb / 2P
   MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 26 AWG
647010 MACOM-647010 Datasheet
263Kb / 2P
   MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 26 AWG
644814 MACOM-644814 Datasheet
129Kb / 1P
   MTA-156 POSTED CONNECTOR ASSEMBLY, 22 AWG
644807 MACOM-644807 Datasheet
128Kb / 1P
   MTA-156 POSTED CONNECTOR ASSEMBLY, 18 AWG
3-643813-2 MACOM-3-643813-2 Datasheet
155Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
3-644038-5 MACOM-3-644038-5 Datasheet
131Kb / 1P
   MTA-100 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
4-644540-1 MACOM-4-644540-1 Datasheet
114Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com