Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH1CV7DPQ-E0 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RJH1CV7DPQ-E0
Description  1200V - 35A - IGBT Application: Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH1CV7DPQ-E0 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RJH1CV7DPQ-E0_13 Datasheet HTML 2Page - Renesas Technology Corp RJH1CV7DPQ-E0_13 Datasheet HTML 3Page - Renesas Technology Corp RJH1CV7DPQ-E0_13 Datasheet HTML 4Page - Renesas Technology Corp RJH1CV7DPQ-E0_13 Datasheet HTML 5Page - Renesas Technology Corp RJH1CV7DPQ-E0_13 Datasheet HTML 6Page - Renesas Technology Corp RJH1CV7DPQ-E0_13 Datasheet HTML 7Page - Renesas Technology Corp RJH1CV7DPQ-E0_13 Datasheet HTML 8Page - Renesas Technology Corp RJH1CV7DPQ-E0_13 Datasheet HTML 9Page - Renesas Technology Corp RJH1CV7DPQ-E0_13 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
RJH1CV7DPQ-E0
Preliminary
R07DS0525EJ0700 Rev.7.00
Page 9 of 9
Jun 21, 2013
Package Dimension
15.94 ± 0.19
5.45
φ3.60 ± 0.1
2.10
1.27 ± 0.13
5.45
2.41
0.71 ± 0.1
5.02 ± 0.19
Unit: mm
6.0g
MASS[Typ.]
PRSS0003ZE-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
TO-247
13.26
+ 0.1
– 0.2
Ordering Information
Orderable Part Number
Quantity
Shipping Container
RJH1CV7DPQ-E0#T2
450 pcs
Tube


Similar Part No. - RJH1CV7DPQ-E0_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0_15 Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
More results

Similar Description - RJH1CV7DPQ-E0_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH1CV7DPK RENESAS-RJH1CV7DPK_15 Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPK RENESAS-RJH1CV7DPK Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0_15 Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0 Datasheet
59Kb / 4P
   1200V - 35A - IGBT Application: Inverter
RJH1CM7DPQ-E0 RENESAS-RJH1CM7DPQ-E0 Datasheet
59Kb / 4P
   1200V - 25A - IGBT Application: Inverter
RJH1CV5DPQ-E0 RENESAS-RJH1CV5DPQ-E0_13 Datasheet
181Kb / 10P
   1200V - 25A - IGBT Application: Inverter
RJH1CV6DPQ-E0 RENESAS-RJH1CV6DPQ-E0_15 Datasheet
120Kb / 10P
   1200V - 30A - IGBT Application: Inverter
RJH1CV5DPQ-E0 RENESAS-RJH1CV5DPQ-E0_15 Datasheet
120Kb / 10P
   1200V - 25A - IGBT Application: Inverter
RJH1CD7DPQ-E0 RENESAS-RJH1CD7DPQ-E0 Datasheet
59Kb / 4P
   1200V - 30A - IGBT Application: Inverter
RJH1CV6DPQ-E0 RENESAS-RJH1CV6DPQ-E0 Datasheet
59Kb / 4P
   1200V - 30A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com