Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4180IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4180IPWR
Description  0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4180IPWR Datasheet(HTML) 1 Page - Texas Instruments

  OPA4180IPWR Datasheet HTML 1Page - Texas Instruments OPA4180IPWR Datasheet HTML 2Page - Texas Instruments OPA4180IPWR Datasheet HTML 3Page - Texas Instruments OPA4180IPWR Datasheet HTML 4Page - Texas Instruments OPA4180IPWR Datasheet HTML 5Page - Texas Instruments OPA4180IPWR Datasheet HTML 6Page - Texas Instruments OPA4180IPWR Datasheet HTML 7Page - Texas Instruments OPA4180IPWR Datasheet HTML 8Page - Texas Instruments OPA4180IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Time (1 s/div)
Peak-to-Peak Noise = 250 nV
OPA2180
OPA4180
www.ti.com
SBOS584C – NOVEMBER 2011 – REVISED DECEMBER 2012
0.1-
μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift
OPERATIONAL AMPLIFIERS
Check for Samples: OPA2180, OPA4180
1
FEATURES
APPLICATIONS
2
Low Offset Voltage: 75
μV (max)
Bridge Amplifiers
Zero-Drift: 0.1
μV/°C
Strain Gauges
Low Noise: 10 nV/
√Hz
Test Equipment
Very Low 1/f Noise
Transducer Applications
Excellent DC Precision:
Temperature Measurement
PSRR: 126 dB
Electronic Scales
CMRR: 114 dB
Medical Instrumentation
Open-Loop Gain (AOL): 120 dB
Resister Thermal Detectors
Quiescent Current: 525
μA (max)
Precision Active Filters
Wide Supply Range: ±2 V to ±18 V
DESCRIPTION
Rail-to-Rail Output:
The OPA2180 and OPA4180 operational amplifiers
Input Includes Negative Rail
use zero-drift techniques to simultaneously provide
Low Bias Current: 250 pA (typ)
low offset voltage (75
μV), and near zero-drift over
RFI Filtered Inputs
time
and
temperature.
These
miniature,
high-
precision, low quiescent current amplifiers offer high
MicroSIZE Packages
input impedance and rail-to-rail output swing within
18 mV of the rails. The input common-mode range
includes the negative rail. Either single or dual
supplies can be used in the range of +4.0 V to +36 V
(±2 V to ±18 V).
The dual version is offered in MSOP-8 and SO-8
packages. The quad is offered in SO-14 and TSSOP-
14 packages. All versions are specified for operation
from –40°C to +105°C.
Zero-Drift Amplifier Portfolio
OFFSET VOLTAGE
OFFSET VOLTAGE DRIFT
BANDWIDTH
VERSION
PRODUCT
(µV)
(µV/°C)
(MHz)
OPA188 (4 V to 36 V)
25
0.085
2
OPA333 (5 V)
10
0.05
0.35
Single
OPA378 (5 V)
50
0.25
0.9
OPA735 (12 V)
5
0.05
1.6
OPA2188 (4 V to 36 V)
25
0.085
2
OPA2180 (4 V to 36 V)
75
0.35
2
Dual
OPA2333 (5 V)
10
0.05
0.35
OPA2378 (5 V)
50
0.25
0.9
OPA2735 (12 V)
5
0.05
1.6
OPA4188 (4 V to 36 V)
25
0.085
2
Quad
OPA4180 (4 V to 36 V)
75
0.35
2
OPA4330 (5 V)
50
0.25
0.35
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA4180IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4180IPWR TI1-OPA4180IPWR Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4180IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180 Datasheet
1Mb / 38P
[Old version datasheet]   OPAx180 0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI-OPA187_19 Datasheet
2Mb / 45P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1810 TI1-OPA187_1810 Datasheet
2Mb / 44P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1812 TI1-OPA187_1812 Datasheet
2Mb / 43P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187_V02 Datasheet
2Mb / 49P
[Old version datasheet]   OPAx187 0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com