Electronic Components Datasheet Search |
|
OPA2317ID Datasheet(PDF) 10 Page - Texas Instruments |
|
|
OPA2317ID Datasheet(HTML) 10 Page - Texas Instruments |
10 / 29 page V OUT R = 20 kW P Op Amp V = GND - Device V IN V+ = +5 V -5 V Additional Negative Supply CORE -In +In Clamp 10 kW 10 kW OPA317 OPA2317 OPA4317 SBOS682A – MAY 2013 – REVISED JUNE 2013 www.ti.com Figure 19. Equivalent Input Circuit INTERNAL OFFSET CORRECTION The OPA317, OPA2317, and OPA4317 op amps use an auto-calibration technique with a time-continuous, 125- kHz op amp in the signal path. This amplifier is zero-corrected every 8 μs using a proprietary technique. Upon power-up, the amplifier requires approximately 100 μs to achieve specified VOS accuracy. This design has no aliasing or flicker noise. EMI SUSCEPTIBILITY AND INPUT FILTERING Operational amplifiers vary in their susceptibility to EMI. If conducted EMI enters the operational amplifier, the dc offset observed at the amplifier output may shift from its nominal value while the EMI is present. This shift is a result of signal rectification associated with the internal semiconductor junctions. While all operational amplifier pin functions can be affected by EMI, the input pins are likely to be the most susceptible. The OPA317 operational amplifier family incorporates an internal input low-pass filter that reduces the amplifier response to EMI. Both common-mode and differential mode filtering are provided by the input filter. The filter is designed for a cutoff frequency of approximately 8 MHz (–3 dB), with a roll-off of 20 dB per decade. ACHIEVING OUTPUT SWING TO THE OP AMP NEGATIVE RAIL Some applications require output voltage swings from 0 V to a positive full-scale voltage (such as +2.5 V) with excellent accuracy. With most single-supply op amps, problems arise when the output signal approaches 0 V, near the lower output swing limit of a single-supply op amp. A good single-supply op amp may swing close to single-supply ground, but will not reach ground. The output of the OPA317, OPA2317, and OPA4317 can be made to swing to ground, or slightly below, on a single-supply power source. To do so requires the use of another resistor and an additional, more negative power supply than the op amp negative supply. A pull-down resistor can be connected between the output and the additional negative supply to pull the output down below the value that the output would otherwise achieve, as shown in Figure 20. Figure 20. For VOUT Range to Ground The OPA317, OPA2317, and OPA4317 have an output stage that allows the output voltage to be pulled to its negative supply rail, or slightly below, using the technique previously described. This technique only works with some types of output stages. The OPA317, OPA2317, and OPA4317 have been characterized to perform with this technique; the recommended resistor value is approximately 20 k Ω. Note that this configuration increases the current consumption by several hundreds of microamps. Accuracy is excellent down to 0 V and as low as –2 mV. Limiting and nonlinearity occurs below –2 mV, but excellent accuracy returns as the output drives back up above –2 mV. Lowering the resistance of the pull-down resistor allows the op amp to swing even further below the negative rail. Use resistances as low as 10 k Ω to achieve excellent accuracy down to –10 mV. 10 Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated Product Folder Links: OPA317 OPA2317 OPA4317 |
Similar Part No. - OPA2317ID |
|
Similar Description - OPA2317ID |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |