Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1S2385IDRCR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1S2385IDRCR
Description  250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1S2385IDRCR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA1S2385IDRCR Datasheet HTML 2Page - Texas Instruments OPA1S2385IDRCR Datasheet HTML 3Page - Texas Instruments OPA1S2385IDRCR Datasheet HTML 4Page - Texas Instruments OPA1S2385IDRCR Datasheet HTML 5Page - Texas Instruments OPA1S2385IDRCR Datasheet HTML 6Page - Texas Instruments OPA1S2385IDRCR Datasheet HTML 7Page - Texas Instruments OPA1S2385IDRCR Datasheet HTML 8Page - Texas Instruments OPA1S2385IDRCR Datasheet HTML 9Page - Texas Instruments OPA1S2385IDRCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
OPA1S2384
OPA1S2385
SBOS645A – DECEMBER 2012 – REVISED JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS
Table 1. Characteristic Performance Measurements
TITLE
FIGURE
Offset Voltage Production Distribution
Figure 1
Common-Mode Rejection Ratio and Power-Supply Rejection Ratio vs Frequency
Figure 2
Input Bias Current vs Temperature
Figure 3
Input Voltage and Current Noise Spectral Density vs Frequency
Figure 4
Open-Loop Gain and Phase
Figure 5
Noninverting Small-Signal Frequency Response
Figure 6
Inverting Small-Signal Frequency Response
Figure 7
Noninverting Small-Signal Step Response
Figure 8
Noninverting Large-Signal Step Response
Figure 9
Frequency Response for Various RL
Figure 10
Frequency Response for Various CL
Figure 11
Recommended RS vs Capacitive Load
Figure 12
Output Voltage Swing vs Output Current
Figure 13
OPEN
−Loop Gain vs Temperature
Figure 14
Closed
−Loop Output Impedance vs Frequency
Figure 15
Maximum Output Voltage vs Frequency
Figure 16
Output Settling Time to 0.1%
Figure 17
Supply Current vs Temperature
Figure 18
RON vs Temperature
Figure 19
RON vs VCOM
Figure 20
Leakage Current vs Temperature
Figure 21
Charge-Injection (QC) vs VCOM
Figure 22
tON and tOFF vs Supply Voltage
Figure 23
tON and tOFF vs Temperature (V+ = 5 V)
Figure 24
Gain vs Frequency
Figure 25
Off Isolation vs Frequency
Figure 26
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: OPA1S2384 OPA1S2385


Similar Part No. - OPA1S2385IDRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1S2385IDRCR TI1-OPA1S2385IDRCR Datasheet
1Mb / 23P
[Old version datasheet]   250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
More results

Similar Description - OPA1S2385IDRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1S2384 TI1-OPA1S2384 Datasheet
1Mb / 23P
[Old version datasheet]   250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
logo
Roithner LaserTechnik G...
UV-TIAMO ROITHNER-UV-TIAMO Datasheet
703Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-M ROITHNER-UV-TIAMO-M Datasheet
696Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-BL ROITHNER-UV-TIAMO-BL Datasheet
753Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-S ROITHNER-UV-TIAMO-S Datasheet
704Kb / 3P
   integrated transimpedance amplifier
logo
Texas Instruments
LMH34400 TI-LMH34400 Datasheet
1Mb / 25P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
MARCH 2022
LMH34400 TI-LMH34400_V01 Datasheet
1Mb / 27P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
REVISED AUGUST 2022
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_09 Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601 TI1-LMH6601 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com