Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1S2384IDRCR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1S2384IDRCR
Description  250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1S2384IDRCR Datasheet(HTML) 5 Page - Texas Instruments

  OPA1S2384IDRCR Datasheet HTML 1Page - Texas Instruments OPA1S2384IDRCR Datasheet HTML 2Page - Texas Instruments OPA1S2384IDRCR Datasheet HTML 3Page - Texas Instruments OPA1S2384IDRCR Datasheet HTML 4Page - Texas Instruments OPA1S2384IDRCR Datasheet HTML 5Page - Texas Instruments OPA1S2384IDRCR Datasheet HTML 6Page - Texas Instruments OPA1S2384IDRCR Datasheet HTML 7Page - Texas Instruments OPA1S2384IDRCR Datasheet HTML 8Page - Texas Instruments OPA1S2384IDRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
OPA1S2384/5
A
OUT A
-IN A
+IN A
B
IN S
+IN B -IN B
V-
V+
SC
(1)
OUT B
OUT A
IN S
-
IN A
+IN A
V
-
1
2
3
4
5
SC
V+
OUT B
-
IN B
+IN B
10
9
8
7
6
B
A
OPA1S2384
OPA1S2385
www.ti.com
SBOS645A – DECEMBER 2012 – REVISED JUNE 2013
PIN CONFIGURATION
DRC PACKAGE
DFN-10
(TOP VIEW)
PIN DESCRIPTIONS
PIN
NAME
NO.
DESCRIPTION
+IN A
4
Noninverting input of amplifier channel A
–IN A
3
Inverting input of amplifier channel A
+IN B
6
Noninverting input of amplifier channel B
–IN B
7
Inverting input of amplifier channel B
IN S
2
Switch input
OUT A
1
Voltage output of amplifier channel A
OUT B
8
Voltage output of amplifier channel B
Switch control pin. This logic input pin controls the SPST switch operation. For the OPA1S2384, a logic-low signal opens
SC
10
the switch and a logic-high signal closes the switch. For the OPA1S2385, a logic-low signal closes the switch and a logic
high signal opens the switch.
V+
9
Positive supply voltage pin. Connect this pin to a voltage +2.7V to +5.5V.
V–
5
Negative supply voltage pin. Connect this pin to the ground (0 V) rail of the single-supply system power supply.
FUNCTIONAL BLOCK DIAGRAM
(1)
The OPA1S2384 internal switch is active high; the OPA1S2385 internal switch is active low.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA1S2384 OPA1S2385


Similar Part No. - OPA1S2384IDRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1S2384IDRCR TI1-OPA1S2384IDRCR Datasheet
1Mb / 23P
[Old version datasheet]   250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
More results

Similar Description - OPA1S2384IDRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1S2384 TI1-OPA1S2384 Datasheet
1Mb / 23P
[Old version datasheet]   250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
logo
Roithner LaserTechnik G...
UV-TIAMO ROITHNER-UV-TIAMO Datasheet
703Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-M ROITHNER-UV-TIAMO-M Datasheet
696Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-BL ROITHNER-UV-TIAMO-BL Datasheet
753Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-S ROITHNER-UV-TIAMO-S Datasheet
704Kb / 3P
   integrated transimpedance amplifier
logo
Texas Instruments
LMH34400 TI-LMH34400 Datasheet
1Mb / 25P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
MARCH 2022
LMH34400 TI-LMH34400_V01 Datasheet
1Mb / 27P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
REVISED AUGUST 2022
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_09 Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601 TI1-LMH6601 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com