Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1S2384IDRCT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1S2384IDRCT
Description  250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1S2384IDRCT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA1S2384IDRCT Datasheet HTML 5Page - Texas Instruments OPA1S2384IDRCT Datasheet HTML 6Page - Texas Instruments OPA1S2384IDRCT Datasheet HTML 7Page - Texas Instruments OPA1S2384IDRCT Datasheet HTML 8Page - Texas Instruments OPA1S2384IDRCT Datasheet HTML 9Page - Texas Instruments OPA1S2384IDRCT Datasheet HTML 10Page - Texas Instruments OPA1S2384IDRCT Datasheet HTML 11Page - Texas Instruments OPA1S2384IDRCT Datasheet HTML 12Page - Texas Instruments OPA1S2384IDRCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
6
7
8
9
10
11
12
-55
-35
-15
5
25
45
65
85
105
125
Temperature (
ƒC)
C001
Time (ns)
30
40
10
20
100
50
60
70
80
90
0
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
V = 2 V
O
PP
Frequency (Hz)
10M
100M
1M
1G
100k
100
10
1
0.1
0.01
Z
O
Frequency (MHz)
10
100
1
6
5
4
3
2
1
0
V = 5.5 V
S
V = 2.7 V
S
Maximum Output
Voltage without
Slew- Rate
Induced Distortion
Output Current (mA)
75
50
25
125
100
150
175
200
0
5
4
3
2
1
0
+25 C
°
-
°
55 C
+125 C
°
Temperature ( C)
°
65
85
105
5
25
45
135
125
-55
-35
-15
120
110
100
90
80
70
R = 1 kW
L
OPA1S2384
OPA1S2385
www.ti.com
SBOS645A – DECEMBER 2012 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS (continued)
Amplifier conditions: At TA = +25°C, RL = 1 kΩ connected to VS / 2, and VO = VCM = VS / 2, unless otherwise noted.
Figure 13. OUTPUT VOLTAGE SWING vs OUTPUT
Figure 14. OPEN
−LOOP GAIN vs TEMPERATURE
CURRENT
Figure 15. CLOSED
−LOOP OUTPUT IMPEDANCE vs
Figure 16. MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
FREQUENCY
Figure 17. OUTPUT SETTLING TIME TO 0.1%
Figure 18. SUPPLY CURRENT vs TEMPERATURE
(VS = 5.5 V, IO = 0 mA)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA1S2384 OPA1S2385


Similar Part No. - OPA1S2384IDRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1S2384IDRCT TI1-OPA1S2384IDRCT Datasheet
1Mb / 23P
[Old version datasheet]   250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
More results

Similar Description - OPA1S2384IDRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1S2384 TI1-OPA1S2384 Datasheet
1Mb / 23P
[Old version datasheet]   250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
logo
Roithner LaserTechnik G...
UV-TIAMO ROITHNER-UV-TIAMO Datasheet
703Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-M ROITHNER-UV-TIAMO-M Datasheet
696Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-BL ROITHNER-UV-TIAMO-BL Datasheet
753Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-S ROITHNER-UV-TIAMO-S Datasheet
704Kb / 3P
   integrated transimpedance amplifier
logo
Texas Instruments
LMH34400 TI-LMH34400 Datasheet
1Mb / 25P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
MARCH 2022
LMH34400 TI-LMH34400_V01 Datasheet
1Mb / 27P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
REVISED AUGUST 2022
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_09 Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601 TI1-LMH6601 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com