Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM3021 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FODM3021
Description  4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM3021 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FODM3021 Datasheet HTML 1Page - Fairchild Semiconductor FODM3021 Datasheet HTML 2Page - Fairchild Semiconductor FODM3021 Datasheet HTML 3Page - Fairchild Semiconductor FODM3021 Datasheet HTML 4Page - Fairchild Semiconductor FODM3021 Datasheet HTML 5Page - Fairchild Semiconductor FODM3021 Datasheet HTML 6Page - Fairchild Semiconductor FODM3021 Datasheet HTML 7Page - Fairchild Semiconductor FODM3021 Datasheet HTML 8Page - Fairchild Semiconductor FODM3021 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
FODM3010, FODM3011, FODM3012, FODM3021, FODM3022, FODM3023 Rev. 1.0.0
Typical Performance Curves
Figure 8. Static dv/dt Test Circuit
Figure 9. Resistive Load
Vdc
400V (FODM302X)
250V (FODM301X)
R = 10 k
CTEST
X100
SCOPE
PROBE
PULSE
INPUT
MERCURY
WETTED
RELAY
252 V (FODM302X)
158 V (FODM301X)
0 VOLTS
APPLIED VOLTAGE
WAVEFORM
Vmax =
dv/dt =
0.63 Vmax
=
252
RTEST
D.U.T.
D.U.T.
τRC
τRC
τRC
Figure 10. Inductive Load with Sensitive Gate Triac (IGT ≤ 15 mA)
VCC
Rin
1
2
4
3
0.1
µF
180
C1
2.4k
ZL
120 V
60 Hz
MOC3010
MOC3011
MOC3012
VCC
Rin
1
2
4
3
120 V
60 Hz
180
RL
FODM3010
FODM3011
FODM3012
400 V (FODM302X)
= 250 V (FODM301X)
(FODM302X)
=
158
τRC (FODM301X)
1. The mercury wetted relay provides a high speed
repeated pulse to the D.U.T.
2. 100x scope probes are used, to allow high speeds and
voltages.
3. The worst-case condition for static dv/dt is established by
triggering the D.U.T. with a normal LED input current,
then removing the current. The variable RTEST allows the
dv/dt to be gradually increased until the D.U.T. continues
to trigger in response to the applied voltage pulse, even
after the LED current has been removed. The dv/dt is
then decreased until the D.U.T. stops triggering.
τRC is
measured at this point and recorded.
NOTE: This optoisolator should not be used to drive a load directly. It is
intended to be a trigger device only.


Similar Part No. - FODM3021

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM3021 FAIRCHILD-FODM3021 Datasheet
99Kb / 10P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM-PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
FODM3021 FAIRCHILD-FODM3021 Datasheet
492Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
More results

Similar Description - FODM3021

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM30XX FAIRCHILD-FODM30XX Datasheet
173Kb / 11P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3012R2 FAIRCHILD-FODM3012R2 Datasheet
255Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011 Datasheet
942Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October-2017, Rev. 2
logo
Fairchild Semiconductor
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FODM3051 FAIRCHILD-FODM3051_05 Datasheet
478Kb / 8P
   4-Pin Full Pitch Mini-Flat Package Random Phase Triac Driver Output Optocouplers
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V02 Datasheet
224Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
FODM3011 FAIRCHILD-FODM3011_09 Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3010 FAIRCHILD-FODM3010_05 Datasheet
492Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3012R FAIRCHILD-FODM3012R Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com