Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP40N10VDF-E1-AY Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # NP40N10VDF-E1-AY
Description  100 V ??40 A ??N-channel Power MOS FET Application: Automotive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP40N10VDF-E1-AY Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button NP40N10VDF-E1-AY Datasheet HTML 3Page - Renesas Technology Corp NP40N10VDF-E1-AY Datasheet HTML 4Page - Renesas Technology Corp NP40N10VDF-E1-AY Datasheet HTML 5Page - Renesas Technology Corp NP40N10VDF-E1-AY Datasheet HTML 6Page - Renesas Technology Corp NP40N10VDF-E1-AY Datasheet HTML 7Page - Renesas Technology Corp NP40N10VDF-E1-AY Datasheet HTML 8Page - Renesas Technology Corp NP40N10VDF-E1-AY Datasheet HTML 9Page - Renesas Technology Corp NP40N10VDF-E1-AY Datasheet HTML 10Page - Renesas Technology Corp NP40N10VDF-E1-AY Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NP40N10YDF, NP40N10VDF, NP40N10PDF
Preliminary
R07DS0361EJ0201 Rev.2.01
Page 8 of 9
May 13, 2013
Package Drawings (Unit: mm)
8-pin HSON (Mass: 0.13 g TYP.)
Renesas package code: PLSN0008KA-A
1
2
3
4
7
8
6
5
6.0
±0.2
3.18
±0.2
0.8
±0.15
0.6
±0.15
0.10 S
1, 2, 3
: Source
4
: Gate
5, 6, 7, 8: Drain
5.4
±0.2
0.73
0.4
TO-252 (MP-3ZP) (Mass: 0.27 g TYP.)
Renesas package code: PRSS0004ZP-A
6.5
±0.2
2.3
±0.1
0.5
±0.1
0.76
±0.12
0 to 0.25
0.5
±0.1
1.0
No Plating
No Plating
5.1 TYP.
4.3 MIN.
1
4
23
1.14 MAX.
2.3
2.3
1. Gate
2. Drain
3. Source
4. Fin (Drain)
1.13


Similar Part No. - NP40N10VDF-E1-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP40N10VDF-E1-AY RENESAS-NP40N10VDF-E1-AY Datasheet
259Kb / 11P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - NP40N10VDF-E1-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP50N04YUK RENESAS-NP50N04YUK_15 Datasheet
122Kb / 8P
   40 V ??50 A ??N-channel Power MOS FET Application: Automotive
NP50N04YUK RENESAS-NP50N04YUK_V01 Datasheet
275Kb / 8P
   40 V – 50 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N04VLK RENESAS-NP60N04VLK_V01 Datasheet
577Kb / 8P
   40 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
N60N04VDK RENESAS-N60N04VDK Datasheet
272Kb / 8P
   40 V ??60 A ??N-channel Power MOS FET Application: Automotive
NP90N04VDK RENESAS-NP90N04VDK Datasheet
273Kb / 8P
   40 V – 90 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP75N04VDK RENESAS-NP75N04VDK Datasheet
279Kb / 8P
   40 V – 75 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP75N04VUK RENESAS-NP75N04VUK_15 Datasheet
101Kb / 8P
   40 V ??75 A ??N-channel Power MOS FET Application: Automotive
NP90N04VDK RENESAS-NP90N04VDK_15 Datasheet
114Kb / 8P
   40 V ??90 A ??N-channel Power MOS FET Application: Automotive
NP60N04VDK RENESAS-NP60N04VDK Datasheet
271Kb / 8P
   40 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP75N04YUK RENESAS-NP75N04YUK_V01 Datasheet
282Kb / 8P
   40 V – 75 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com