Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3988IL6X-F113 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN3988IL6X-F113
Description  PFC/ PWM Controller Combination
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3988IL6X-F113 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN3988IL6X-F113 Datasheet HTML 3Page - Fairchild Semiconductor FAN3988IL6X-F113 Datasheet HTML 4Page - Fairchild Semiconductor FAN3988IL6X-F113 Datasheet HTML 5Page - Fairchild Semiconductor FAN3988IL6X-F113 Datasheet HTML 6Page - Fairchild Semiconductor FAN3988IL6X-F113 Datasheet HTML 7Page - Fairchild Semiconductor FAN3988IL6X-F113 Datasheet HTML 8Page - Fairchild Semiconductor FAN3988IL6X-F113 Datasheet HTML 9Page - Fairchild Semiconductor FAN3988IL6X-F113 Datasheet HTML 10Page - Fairchild Semiconductor FAN3988IL6X-F113 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800AU/CU • Rev. 1.0.0
7
Electrical Characteristics
Unless otherwise noted, VDD=15V, TA= 25°C, TA=TJ, RT=6.8kΩ, and CT=1000pF.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VDD Section
IDD-ST
Startup Current
VDD=VTH-ON-0.1V, OPFC OPWM
Open
30
80
µA
IDD-OP
Operating Current
VDD=13V, OPFC OPWM Open
2.0
2.6
5.0
mA
VTH-ON
Turn-on Threshold Voltage
10
11
12
V
VTH
Hysteresis
1.3
1.9
V
VDD-OVP
VDD OVP
27
28
29
V
VDD-OVP
VDD OVP Hysteresis
1
V
Oscillator
fOSC-RT/CT
RT/CT Frequency
RT=6.8kΩ, CT=1000pF
240
256
268
kHz
fOSC
PFC & PWM Frequency
60
64
67
kHz
FAN4800CU PWM Frequency
120
128
134
fDV
Voltage Stability
(3)
11V ≦ VDD ≦ 22V
2
%
fDT
Temperature Stability
(3)
-40°C ~ +105°C
2
%
fTV
Total Variation (PFC & PWM)
(3)
Line, Temperature
58
70
kHz
fRV
Ramp Voltage
Valley to Peak
2.8
V
IOSC-DIS
Discharge Current
VRAMP=0V, VRT/CT=2.5V
6.5
15.0
mA
fRANGE
Frequency Range
50
75
kHz
tPFC-DEAD
PFC Dead Time
RT=6.8kΩ, CT=1000pF
400
600
800
ns
VVREF
VVREF
Reference Voltage
IVREF=0mA, CVREF=0.1µF
7.4
7.5
7.6
V
VVREF1
Load Regulation of Reference
Voltage
CVREF=0.1µF, IVREF=0mA to 3.5mA
VDD=14V, Rise/Fall Time > 20µs
30
50
mV
VVREF2
Line Regulation of Reference
Voltage
CVREF=0.1µF, VDD=11V to 22V
25
mV
VVREF-DT
Temperature Stability
(3)
-40°C ~ +105°C
0.4
0.5
%
VVREF-TV
Total Variation
(3)
Line, Load, Temperature
7.35
7.65
V
VVREF-LS
Long-Term Stability
(3)
TJ=125°C, 0 ~ 1000 Hours
5
25
mV
IVREF-MAX.
Maximum Current
VVREF > 7.35V
5
mA
PFC OVP Comparator
VPFC-OVP
Over-Voltage Protection
2.70
2.75
2.80
V
VPFC-OVP
PFC OVP Hysteresis
200
250
300
mV
Low-Power Detect Comparator
VVEAOFF
VEA Voltage OFF OPFC
0.2
0.3
0.4
V
VIN OK Comparator
VRD-FBPFC
Voltage Level on FBPFC to
Enable OPWM During Startup
2.3
2.4
2.5
V
VRD-FBPFC Hysteresis
1.0
1.1
1.2
V
Continued on the following page…


Similar Part No. - FAN3988IL6X-F113

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3988IL6X ONSEMI-FAN3988IL6X Datasheet
644Kb / 8P
   USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
logo
Fairchild Semiconductor
FAN3988IL6X_F113 FAIRCHILD-FAN3988IL6X_F113 Datasheet
780Kb / 9P
   USB/Charger and Over-Voltage Detection Device
More results

Similar Description - FAN3988IL6X-F113

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com