Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR35 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TR35
Description  TO-220 and TO-247 Style Power Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TR35 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TR35 Datasheet HTML 1Page - List of Unclassifed Manufacturers TR35 Datasheet HTML 2Page - List of Unclassifed Manufacturers TR35 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev Date: 03/14/2012
3
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
TR Series
TO-220 and TO-247 Style Power Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
100
80
60
40
20
0
175
0
25
50
75
100
125
150
Case Temperature
TR20/TR30/TR50/TR50H
TR35/TR100
How to Order
12
345
678
9
10
11
TR
2
0
FB
D
1
K
0
0
Size
TR
Standard
20
Code
Quantity
Code
30
D
1,000
-
35
F
600(1)
C
50
J
500
D
50H
K
L
100
M
(1) Contact Factory for smaller quantities.
10 Kohm = 10K0
100
200
35
Four characters with
the multiplier used as
the decimal holder.
unspecified
11 ohm = 11R0
1 Kohm = 1K00
Bulk
ppm
50
Size
300
Product Series
Power
Tolerance
Resistance Value
TCR
Packaging
20W
Tol
Code Description
30W
0.5%
35W
1%
20, 30, 50, 50H
100
50W
100W
10%
5%
50W
B
Legacy Part Number (before January 3, 2011):
Nominal
Resistance
Tolerance
1K
1%
Type
Description
Code
WattageCode
TCR
Tolerance
Style
Qty
Description
Code
TR
Standard
20
20W
-
Unspecified
±0.5%
20, 30, 50, 50H
1,000
30
30W
T2
50 ppm
±1%
100
600(1)
35
35W
T1
100 ppm
±5%
35
500
50
50W
T0
200 ppm
±10%
50H
50W
100
100W
(1) Contact Factory for smaller quantities.
Box
B
T1
TR
20
B
SEI Type
Code
Packaging
TCR


Similar Part No. - TR35

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
TR35 LUMINIS-TR35 Datasheet
133Kb / 3P
   Bollard
logo
Stackpole Electronics, ...
TR35 SEI-TR35 Datasheet
328Kb / 5P
   TO-220 and TO-247 Style Power Resistor
7/26/2022
logo
MIC GROUP RECTIFIERS
TR351 MIC-TR351 Datasheet
49Kb / 2P
   TIN CAN AUTOMOTIVE RECTIFIER
TR352 MIC-TR352 Datasheet
49Kb / 2P
   TIN CAN AUTOMOTIVE RECTIFIER
TR353 MIC-TR353 Datasheet
49Kb / 2P
   TIN CAN AUTOMOTIVE RECTIFIER
More results

Similar Description - TR35

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
TR_SERIES SEI-TR_SERIES Datasheet
328Kb / 5P
   TO-220 and TO-247 Style Power Resistor
7/26/2022
logo
Caddock Electronics, In...
MP915 CADDOCK-MP915_17 Datasheet
532Kb / 2P
   Power Film Resistors TO-126, TO-220 and TO-247 Style
MP915 CADDOCK-MP915 Datasheet
249Kb / 2P
   Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Ohmite Mfg. Co.
WV-T220-101E OHMITE-WV-T220-101E Datasheet
82Kb / 1P
   For TO-220 and TO-247 devices
logo
Caddock Electronics, In...
MP900 CADDOCK-MP900 Datasheet
532Kb / 2P
   MP900 and MP9000 Series Kool-Pak짰 Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Ohmite Mfg. Co.
AP101 OHMITE-AP101 Datasheet
333Kb / 2P
   TO-247 style power package
C247-025 OHMITE-C247-025 Datasheet
309Kb / 2P
   TO-247, TO-220 and TO-264 Package Heatsinks
R2V-CT2-38E OHMITE-R2V-CT2-38E Datasheet
271Kb / 2P
   R2 Series For TO-220 and TO-247
logo
Caddock Electronics, In...
MP2060 CADDOCK-MP2060_17 Datasheet
391Kb / 1P
   TO-220 Style Power Resistor Designed for Clip Mounting
logo
IRC - a TT electronics ...
TFP-MHP100LF-10R0-J IRCTT-TFP-MHP100LF-10R0-J Datasheet
781Kb / 3P
   MHP TO-247 Series Power Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com