Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5056 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5056
Description  High-Voltage System Power Management Device with PMBus?
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5056 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5056 Datasheet HTML 3Page - Texas Instruments LM5056 Datasheet HTML 4Page - Texas Instruments LM5056 Datasheet HTML 5Page - Texas Instruments LM5056 Datasheet HTML 6Page - Texas Instruments LM5056 Datasheet HTML 7Page - Texas Instruments LM5056 Datasheet HTML 8Page - Texas Instruments LM5056 Datasheet HTML 9Page - Texas Instruments LM5056 Datasheet HTML 10Page - Texas Instruments LM5056 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
±0.10
±0.08
±0.06
±0.04
±0.02
0.00
0.02
0.04
0.06
0.08
0.10
-50
-25
0
25
50
75
100 125 150
-XQFWLRQ 7HPSHUDWXUH Û&
C004
±0.10
±0.08
±0.06
±0.04
±0.02
0.00
0.02
0.04
0.06
0.08
0.10
-50
-25
0
25
50
75
100 125 150
-XQFWLRQ 7HPSHUDWXUH Û&
C003
±0.20
±0.15
±0.10
±0.05
0.00
0.05
0.10
±50 ±25
0
25
50
75
100 125 150
-XQFWLRQ 7HPSHUDWXUH Û&
C007
±0.25
±0.20
±0.15
±0.10
±0.05
0.00
0.05
0.10
0.15
0.20
0.25
-50
-25
0
25
50
75
100 125 150
-XQFWLRQ 7HPSHUDWXUH Û&
C006
2.966
2.967
2.968
2.969
2.970
2.971
2.972
2.973
±50 ±25
0
25
50
75
100 125 150
-XQFWLRQ 7HPSHUDWXUH Û&
C008
±0.10
±0.08
±0.06
±0.04
±0.02
0.00
0.02
0.04
0.06
0.08
0.10
-50
-25
0
25
50
75
100 125 150
-XQFWLRQ 7HPSHUDWXUH Û&
C005
LM5056, LM5056A
www.ti.com
SNVS827A – OCTOBER 2012 – REVISED APRIL 2013
TYPICAL CHARACTERISTICS (continued)
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN, VIN_K, SENSE, and OUT = 48 V and VDD = 5.0 V.
All graphs show junction temperature.
Figure 7. VREF Voltage
Figure 8. VIN Measurement Error
Figure 9. IIN Measurement Accuracy
Figure 10. PIN Measurement Error
(VIN_K - SENSE = 22 mV)
(VIN_K - SENSE = 22 mV)
Figure 11. VOUT Measurement Error
Figure 12. VAUX Measurment Error (VAUX = 2.80 V)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5056 LM5056A


Similar Part No. - LM5056

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
[Old version datasheet]   High Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1 Datasheet
1Mb / 21P
[Old version datasheet]   High Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1-Q1 TI1-LM5050-1-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   High Side OR-ing FET Controller
LM5050-1-Q1 TI1-LM5050-1-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
More results

Similar Description - LM5056

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
logo
Linear Technology
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
   26A Step-Down 關Module Regulator with PMBus Power System Management
LTM4676AEY LINER-LTM4676AEY Datasheet
1Mb / 16P
   130A Step-Down 關Module Regulator with PMBus Power System Management
logo
Texas Instruments
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com