Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR32W7LR20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IR32W7LR20
Description  DIGITAL TEMPERATURE & PROCESS CONTROLLERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IR32W7LR20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IR32W7LR20 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tempatron Ltd, Darwin Close, Reading, Berks, RG2 0TB, UK Tel : 0118 931 4062 Fax : 0118 931 0175 e-mail : sales@tempatron.co.uk
9 pre-set control modes
On/Off or PID autotune control
Selectable NTC, PTC or PT1000 sensor input options
1, 2 or 4 outputs relay or SSR drive outputs
Infra-red remote control and external key programming options
RS485 serial link for monitoring and programming
IP65 water and dust protection
Programmable advanced control options
SPECIFICATION
Supply:
12-24Vac/dc +/- 10% 110/230V with transformers
Supply drain:
3VA max.
Inputs:
1 or 2 NTC, PTC or PT1000 sensors
Digital input:
Programmable function to switch between set-
points or to act as an alarm condition.
o
Scale range:
NTC :
-50 to 90 C (-40 to 150ºC enhanced)
o
PTC :
-40 to 150 C
o
PT1000 :
-50 to 150 C
Accuracy:
+/- 0.5% of scale range
Output ratings:
Relay:
8A @ 250Vac (10 A inrush)
SSR:
12V/20mA
Protection:
IP65
o
Ambient range:
-10 to 60 C @ 90% rH (non-condensing)
Weight:
IR33V:
200 gms
IR33W:
220 gms
IR33Z:
240 gms
IR33 TEMPERATURE CONTROLLER
The IR33 controller is the replacement for the IR32 range. It has all
of the functions of the IR32 plus additional features such as PID
control. All of the parameters on the IR33 have the same meaning
as on the IR32 so the IR33 will work in exactly the same way as
the IR32 if the same parameters are entered.
DIGITAL TEMPERATURE & PROCESS CONTROLLERS
DIMENSIONS
76
Clearance around
instrument to allow
for panel clip : 95 x 40
7
64
8
Panel
cut out
: 71 x 29
SEL
rst
SEL
rst
PRG
mute
STANDARD ITEMS
Output type
Input type
Part number
1 Relay
2 x NTC, PTC, PT1000
IR33V7LR20
2 Relays
2 x NTC, PTC, PT1000
IR32W7LR20
4 Relays
2 x NTC, PTC, PT1000
IR32Z7LR20
1 SSR
2 x NTC, PTC, PT1000
IR32D7LR20
4 SSRs
2 x NTC, PTC, PT1000
IR32A7LR20
Remote control
IRTRUES000
Program key (battery)
IROPKEY00
Program key (mains)
IROPKEYA0
-
+
CONNECTION DIAGRAMS
IR32 EQUIVALENTS
IR32 Part number
Features
IR33 Part number
IR32V0L000
IR33V7LR20
IR32W00000
IR33W7LR20
IR32Z00000
IR33Z7LR20
IR32A00000
IR33A7LR20
IR32D0L000
IR33D7LR20
12/24v, NTC, 1 relay
12/24v, NTC, 2 relays
12/24v, NTC, 4 relays
12/24v, NTC, 1 SSR
12/24v, NTC, 4SSRs
IR33V7LR20 / IR33W7LR20
1
2
3
6
7
8
9 10 11 12
SERIAL LINK &
PROGRAM KEY
OUTPUT 1
POWER
SUPPLY
INPUT
SENSORS
1
2
DIGITAL
INPUTS
1
2
1
2
3
4
5
6
7
8
9 10 11 12
SERIAL LINK &
PROGRAM KEY
OUTPUT 1
POWER
SUPPLY
INPUT
SENSORS
1
2
DIGITAL
INPUTS
1
2
IR33Z7LR20
13 14 15
OUTPUT 2
13 14 15
OUTPUT 2 (IR33W ONLY)
OUTPUT 3
16 17 18
OUTPUT 4
1
2
3
4
5
6
7
8
9 10 11 12
SERIAL LINK &
PROGRAM KEY
OUTPUT 1
POWER
SUPPLY
INPUT
SENSORS
1
2
DIGITAL
INPUTS
1
2
IR33D7LR20 / IR33A7LR20
13 14
OUTPUT 2
OUTPUT 3
16 17
OUTPUT 4
NOTE : OUTPUTS 2, 3
AND 4 ONLY ON IR33A
VERSIONS
-
-
+
+
+
-
The IR33 can be set up quickly using either a program key
(battery or mains version) or the IR remote control
Program key
(battery operated version)
IR remote control


Similar Part No. - IR32W7LR20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3220 IRF-IR3220 Datasheet
395Kb / 10P
   FULLY PROTECTED H-BRIDGE FOR D.C. MOTOR
IR3220S IRF-IR3220S Datasheet
547Kb / 15P
   FULLY PROTECTED H-BRIDGE FOR D.C. MOTOR
IR3221 IRF-IR3221 Datasheet
96Kb / 10P
   FULLY PROTECTED H-BRIDGE for DC MOTOR
logo
Everlight Electronics C...
IR323 EVERLIGHT-IR323 Datasheet
194Kb / 7P
   5mm Infrared LED , T-1 3/4
IR323-H0-A EVERLIGHT-IR323-H0-A Datasheet
202Kb / 7P
   5mm Infrared LED , T-1 3/4
More results

Similar Description - IR32W7LR20

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
logo
Red Lion Controls. Inc
PXU31A50 REDLION-PXU31A50 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU11AE0 REDLION-PXU11AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU20020 REDLION-PXU20020 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
logo
Omron Electronics LLC
E5XZ OMRON-E5XZ Datasheet
5Mb / 64P
   Digital Temperature Controllers
logo
Red Lion Controls. Inc
PXU209B0 REDLION-PXU209B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU300B0 REDLION-PXU300B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
logo
Omron Electronics LLC
E5CN OMRON-E5CN Datasheet
778Kb / 24P
   Digital Temperature Controllers
logo
Red Lion Controls. Inc
PXU11A50 REDLION-PXU11A50 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU100B0 REDLION-PXU100B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com