Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN-41-HID Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RN-41-HID
Description  RN-41/RN-41-N Class 1 Bluetooth Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RN-41-HID Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RN-41-HID Datasheet HTML 4Page - List of Unclassifed Manufacturers RN-41-HID Datasheet HTML 5Page - List of Unclassifed Manufacturers RN-41-HID Datasheet HTML 6Page - List of Unclassifed Manufacturers RN-41-HID Datasheet HTML 7Page - List of Unclassifed Manufacturers RN-41-HID Datasheet HTML 8Page - List of Unclassifed Manufacturers RN-41-HID Datasheet HTML 9Page - List of Unclassifed Manufacturers RN-41-HID Datasheet HTML 10Page - List of Unclassifed Manufacturers RN-41-HID Datasheet HTML 11Page - List of Unclassifed Manufacturers RN-41-HID Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
 
www.rovingnetworks.com
Version 3.3r 4/9/2012
9
RN -41 -DS
Figure 5. Minimizing Radio Interference
 
Because the RN-41-N does not contain an antenna, it does not carry regulatory approvals.
If designers use Roving Networks recommended design, they can file for a permissible antenna change and use Roving
Networks’ regulatory approvals. Roving Networks recommends the Yageo chip antenna for the RN-41-N module. For
detailed information on this antenna, refer to the Yageo chip antenna data sheet on the Support page of the Roving
Networks website at http://www.rovingnetworks.com/Support_Overview.
If designers choose to use another antenna, they must go through the regulatory approval process.
Solder Reflow Profile
The lead-free solder reflow temperature and times are:
Temperature—230° C, 30 - 40 seconds, peak 250° C maximum
Preheat temperature—165° ± 15° C, 90 to 120 seconds
Time—Single pass, one time
 
Do not located any surface
parts, surface traces, internal
traces, or ground planes under
the antenna area.
25.6 mm
Bottom View
1.5 mm
13.4 mm
1.5 mm
7.0 mm
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
10
19
18
17
16
15
14
13
35
29
34
33
32
31
28
30
Do not locate vias
or surface traces
under shield
connectors
(1.5 mm square).
1.5 mm
1.5 mm


Similar Part No. - RN-41-HID

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN-41-EK ETC2-RN-41-EK Datasheet
1Mb / 18P
   RN-41-EK & RN-42-EK Evaluation Kit User?셲 Guide
More results

Similar Description - RN-41-HID

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
WRL-12579 SPARKFUN-WRL-12579 Datasheet
113Kb / 2P
   SparkFun Bluetooth Module Breakout - Roving Networks (RN-41 v6.15)
11/17/2015
logo
List of Unclassifed Man...
RN-42-DS ETC2-RN-42-DS Datasheet
765Kb / 12P
   RN-42/RN-42-N Class 2 Bluetooth Module
RN-4142-EK-UG ETC2-RN-4142-EK-UG Datasheet
1Mb / 18P
   RN-41-EK & RN-42-EK Evaluation Kit User?셲 Guide
RN131C ETC2-RN131C Datasheet
863Kb / 18P
   RN-131G & RN-131C 802.11 b/g Wireless LAN Module
logo
EPCOS
B57238S0259L002 EPCOS-B57238S0259L002 Datasheet
64Kb / 3P
   Insulation Voltage 1000 VDC for 1 s, RN/RN = 15 %
logo
List of Unclassifed Man...
RN-131-DS ETC2-RN-131-DS Datasheet
863Kb / 18P
   RN-131G RN-131C 802.11 b/g Wireless LAN Module
logo
Tak Cheong Electronics ...
ZM4728A TAK_CHEONG-ZM4728A Datasheet
566Kb / 4P
   1 Watt LL-41 Hermetically 1 Watt LL-41 Hermetically Regulators
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
BT-STA2416C1 STMICROELECTRONICS-BT-STA2416C1 Datasheet
384Kb / 13P
   Bluetooth class 1 module
SPBT2563C1 STMICROELECTRONICS-SPBT2563C1 Datasheet
321Kb / 13P
   Bluetooth??class 1 module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com