Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN-41-HCI Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RN-41-HCI
Description  RN-41/RN-41-N Class 1 Bluetooth Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RN-41-HCI Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RN-41-HCI Datasheet HTML 3Page - List of Unclassifed Manufacturers RN-41-HCI Datasheet HTML 4Page - List of Unclassifed Manufacturers RN-41-HCI Datasheet HTML 5Page - List of Unclassifed Manufacturers RN-41-HCI Datasheet HTML 6Page - List of Unclassifed Manufacturers RN-41-HCI Datasheet HTML 7Page - List of Unclassifed Manufacturers RN-41-HCI Datasheet HTML 8Page - List of Unclassifed Manufacturers RN-41-HCI Datasheet HTML 9Page - List of Unclassifed Manufacturers RN-41-HCI Datasheet HTML 10Page - List of Unclassifed Manufacturers RN-41-HCI Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
 
www.rovingnetworks.com
Version 3.3r 4/9/2012
7
RN -41 -DS
DESIGN CONCERNS 
The following sections provide information on designing with the RN-41 module, including radio interference, factory reset,
solder reflow profile, connection status, etc.
Reset Circuit
The RN-41 contains a 1k pullup to VCC, and the reset polarity is active low. The module’s reset pin has an optional power-
on-reset circuit with a delay, which should only be required if the input power supply has a very slow ramp or tends to
bounce or have instability on power up. Often a microcontroller or embedded CPU I/O is available to generate the reset
once power is stable. If not, designers can use one of the many low-cost power supervisor chips currently available, such
as the MCP809, MCP102/121, and Torex XC61F.
Factory Reset Using GPIO4
Roving Networks recommends that designers connect the GPIO4 pin to a switch, jumper, or resistor so it can be accessed.
This pin can be used to reset the module to its factory default settings, which is critical in situations where the module has
been misconfigured. To reset the module to the factory defaults, GPIO4 should be high on power-up and then toggle low,
high, low, high with a 1 second wait between the transitions.
Connection Status
GPIO5 is available to drive an LED, and it blinks at various speeds to indicate status (see Table 7). GPIO2 is an output that
directly reflects the connection state as shown in Table 8.
Table 7. GPIO5 Status
GPIO5 Status
Description
Toggle at 1 Hz
The module is discoverable and waiting for a connection.
Toggle at 10 Hz
The module is in command mode.
High
The module is connected to another device over Bluetooth.
Table 8. GPIO2 Status
GPIO2 Status
Description
High
The module is connected to another device over Bluetooth.
Low
The module is not connected over Bluetooth.
HCI Mode
Roving Networks offers the Host Controller Interface (HCI) mode in addition to the standard operational mode of its
Bluetooth modules (standard mode refers to the on-board stack running on the module).
In HCI mode, the on-board stack is bypassed and the module is put in a state that runs the Bluetooth baseband. The HCI
provides a command reference interface to the baseband controller and the link manager, and provides access to the
hardware status and control registers. This interface provides a uniform method for accessing the Bluetooth baseband
capabilities.


Similar Part No. - RN-41-HCI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN-41-EK ETC2-RN-41-EK Datasheet
1Mb / 18P
   RN-41-EK & RN-42-EK Evaluation Kit User?셲 Guide
More results

Similar Description - RN-41-HCI

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
WRL-12579 SPARKFUN-WRL-12579 Datasheet
113Kb / 2P
   SparkFun Bluetooth Module Breakout - Roving Networks (RN-41 v6.15)
11/17/2015
logo
List of Unclassifed Man...
RN-42-DS ETC2-RN-42-DS Datasheet
765Kb / 12P
   RN-42/RN-42-N Class 2 Bluetooth Module
RN-4142-EK-UG ETC2-RN-4142-EK-UG Datasheet
1Mb / 18P
   RN-41-EK & RN-42-EK Evaluation Kit User?셲 Guide
RN131C ETC2-RN131C Datasheet
863Kb / 18P
   RN-131G & RN-131C 802.11 b/g Wireless LAN Module
logo
EPCOS
B57238S0259L002 EPCOS-B57238S0259L002 Datasheet
64Kb / 3P
   Insulation Voltage 1000 VDC for 1 s, RN/RN = 15 %
logo
List of Unclassifed Man...
RN-131-DS ETC2-RN-131-DS Datasheet
863Kb / 18P
   RN-131G RN-131C 802.11 b/g Wireless LAN Module
logo
Tak Cheong Electronics ...
ZM4728A TAK_CHEONG-ZM4728A Datasheet
566Kb / 4P
   1 Watt LL-41 Hermetically 1 Watt LL-41 Hermetically Regulators
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
BT-STA2416C1 STMICROELECTRONICS-BT-STA2416C1 Datasheet
384Kb / 13P
   Bluetooth class 1 module
SPBT2563C1 STMICROELECTRONICS-SPBT2563C1 Datasheet
321Kb / 13P
   Bluetooth??class 1 module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com