Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF1507 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MRF1507
Description  LATERAL NCHANNEL BROADBAND RF POWER MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1507 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MRF1507 Datasheet HTML 3Page - Motorola, Inc MRF1507 Datasheet HTML 4Page - Motorola, Inc MRF1507 Datasheet HTML 5Page - Motorola, Inc MRF1507 Datasheet HTML 6Page - Motorola, Inc MRF1507 Datasheet HTML 7Page - Motorola, Inc MRF1507 Datasheet HTML 8Page - Motorola, Inc MRF1507 Datasheet HTML 9Page - Motorola, Inc MRF1507 Datasheet HTML 10Page - Motorola, Inc MRF1507 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
MRF1507 MRF1507T1
MOTOROLA RF DEVICE DATA
ZOL*
f
MHz
Zin
ZOL*
400
440
470
500
3.6 – j3.1
3.1 – j4.4
4.0 – j3.7
2.0 – j2.71
2.5 – j0.5
2.7 – j0.6
2.5 – j1.2
2.05 – j0.65
Zin
= Conjugate of source impedance with parallel
20
Ω resistor and 82 pF capacitor in series
with gate.
ZOL* = Conjugate of the load impedance at given
output power, voltage, frequency, and
ηD > 50 %.
VDD = 7.5 V, IDQ = 150 mA, Pout = 8 W
520
1.9 – j3.5
2.1 – j0.4
Zo = 10 Ω
f
MHz
Zin
ZOL*
135
155
175
6.2 – j15.1
5.33 – j17.0
8.29 – j16.9
2.3 – j1.8
2.5 – j0.8
2.6 – j0.6
Zin
= Conjugate of source impedance with parallel
10
Ω resistor and 1000 pF capacitor in series
with gate.
ZOL* = Conjugate of the load impedance at given
output power, voltage, frequency, and
ηD > 50 %.
VDD = 7.5 V, IDQ = 800 mA, Pout = 8 W
f = 400 MHz
Note: ZOL* was chosen based on tradeoffs between gain, drain efficiency, and device stability.
Zin
ZOL*
f = 400 MHz
520
520
175
Zin
f = 135 MHz
175
f = 135 MHz


Similar Part No. - MRF1507

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF150 MOTOROLA-MRF150 Datasheet
148Kb / 6P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
Tyco Electronics
MRF150 MACOM-MRF150 Datasheet
183Kb / 8P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
   RF Power FET 150W, to 150MHz, 50V
logo
Advanced Semiconductor
MRF150 ASI-MRF150 Datasheet
19Kb / 1P
   SILICON RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
   RF Power FET 150W, to 150MHz, 50V
More results

Similar Description - MRF1507

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF185 MOTOROLA-MRF185 Datasheet
56Kb / 4P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF3010 MOTOROLA-MRF3010 Datasheet
106Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
Motorola, Inc
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF282 MOTOROLA-MRF282 Datasheet
142Kb / 11P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154_15 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_17 Datasheet
735Kb / 10P
   Broadband RF Power MOSFET
logo
Motorola, Inc
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
   MOSFET BROADBAND RF POWER FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com