Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC2030N Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC2030N
Description  Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2030N Datasheet(HTML) 5 Page - IXYS Corporation

  CPC2030N Datasheet HTML 1Page - IXYS Corporation CPC2030N Datasheet HTML 2Page - IXYS Corporation CPC2030N Datasheet HTML 3Page - IXYS Corporation CPC2030N Datasheet HTML 4Page - IXYS Corporation CPC2030N Datasheet HTML 5Page - IXYS Corporation CPC2030N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC2030N
www.ixysic.com
5
R03
Manufacturing Information
Moisture Sensitivity
All plastic encapsulated semiconductor packages are susceptible to moisture ingression. IXYS Integrated
Circuits Division classified all of its plastic encapsulated devices for moisture sensitivity according to
the latest version of the joint industry standard, IPC/JEDEC J-STD-020, in force at the time of product
evaluation. We test all of our products to the maximum conditions set forth in the standard, and guarantee proper
operation of our devices when handled according to the limitations and information in that standard as well as to any
limitations set forth in the information or standards referenced below.
Failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced
product performance, reduction of operable life, and/or reduction of overall reliability.
This product carries a Moisture Sensitivity Level (MSL) rating as shown below, and should be handled according
to the requirements of the latest version of the joint industry standard IPC/JEDEC J-STD-033.
Device
Moisture Sensitivity Level (MSL) Rating
CPC2030N
MSL 3
ESD Sensitivity
This product is ESD Sensitive, and should be handled according to the industry standard JESD-625.
Reflow Profile
This product has a maximum body temperature and time rating as shown below. All other guidelines of J-STD-020
must be observed.
Device
Maximum Temperature x Time
CPC2030N
260ºC for 30 seconds
Board Wash
IXYS Integrated Circuits Division recommends the use of no-clean flux formulations. However, board washing to
remove flux residue is acceptable. Since IXYS Integrated Circuits Division employs the use of silicone coating as
an optical waveguide in many of its optically isolated products, the use of a short drying bake could be necessary
if a wash is used after solder reflow processes. Chlorine- or Fluorine-based solvents or fluxes should not be used.
Cleaning methods that employ ultrasonic energy should not be used.
e3
Pb


Similar Part No. - CPC2030N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC2014N CLARE-CPC2014N Datasheet
117Kb / 5P
   8-Pin SOIC Dual OptoMOS짰 Relay
logo
IXYS Corporation
CPC2014N IXYS-CPC2014N Datasheet
123Kb / 6P
   60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
logo
Clare, Inc.
CPC2014NTR CLARE-CPC2014NTR Datasheet
117Kb / 5P
   8-Pin SOIC Dual OptoMOS짰 Relay
logo
IXYS Corporation
CPC2014NTR IXYS-CPC2014NTR Datasheet
123Kb / 6P
   60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
logo
Clare, Inc.
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
   8-Pin Dual SOIC OptoMOS짰 Relay
More results

Similar Description - CPC2030N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC2025N IXYS-CPC2025N Datasheet
115Kb / 6P
   Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC2017N IXYS-CPC2017N Datasheet
115Kb / 6P
   Dual Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC2125N IXYS-CPC2125N Datasheet
118Kb / 6P
   Dual Single-Pole, Normally Closed 8-Pin SOIC OptoMOS짰 Relay
CPC2317N IXYS-CPC2317N Datasheet
126Kb / 7P
   Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
CPC2330N IXYS-CPC2330N Datasheet
140Kb / 8P
   Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
CPC2014N IXYS-CPC2014N Datasheet
123Kb / 6P
   60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
PLA171 IXYS-PLA171 Datasheet
119Kb / 6P
   Single-Pole, Normally Open OptoMOS짰 Relay
logo
Clare, Inc.
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
   8-Pin Dual SOIC OptoMOS짰 Relay
CPC2014N CLARE-CPC2014N Datasheet
117Kb / 5P
   8-Pin SOIC Dual OptoMOS짰 Relay
logo
IXYS Corporation
PAA190 IXYS-PAA190 Datasheet
122Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS짰 Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com