Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY3670 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY3670
Description  Single-PLL General Purpose EPROM Programmable Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3670 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY3670 Datasheet HTML 1Page - Cypress Semiconductor CY3670 Datasheet HTML 2Page - Cypress Semiconductor CY3670 Datasheet HTML 3Page - Cypress Semiconductor CY3670 Datasheet HTML 4Page - Cypress Semiconductor CY3670 Datasheet HTML 5Page - Cypress Semiconductor CY3670 Datasheet HTML 6Page - Cypress Semiconductor CY3670 Datasheet HTML 7Page - Cypress Semiconductor CY3670 Datasheet HTML 8Page - Cypress Semiconductor CY3670 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY2907
Document Number: 38-07137 Rev. *G
Page 5 of 13
Electrical Characteristics at 5.0 V Commercial
VDD = 4.5 V to 5.5 V, TA = 0 °C to +70 °C
Parameter
Description
Test Conditions
Min
Max
Unit
VIH
High-level input voltage
Except crystal inputs
2.0
V
VIL
Low-level input voltage
Except crystal inputs
0.8
V
VOH[6]
High-level output voltage
VDD = VDD Min. IOH = –30 mA
CLKA
2.4
V
VOL[6]
Low-level output voltage
VDD = VDD Min. IOL = 10 mA
CLKA
0.4
V
IOH[6]
Output high current
VOH = 2.0 V
–35
mA
IOL[6]
Output low current
VOL = 0.8 V
22
mA
IIH
Input high current
VIH = VDD
–2
2
µA
IIL
Input low current
VIL = 0V
20
µA
IDD[7]
Power supply current
PD HIGH, CLKA = 50 MHz
42
mA
IDD
Power supply current
PD LOW, Logic inputs LOW
100
µA
IDD
Power supply current
PD LOW, Logic inputs HIGH
40
µA
RPU[6]
Pull-up resistor
VIN = VDD – 1.0 V
700
k
Electrical Characteristics at 3.3 V Commercial
VDD = 3.0 V to 3.6 V, TA = 0 °C to +70 °C
Parameter
Description
Test Conditions
Min
Max
Unit
VIH
High-level input voltage
Except crystal inputs
0.7 × VDD
V
VIL
Low-level input voltage
Except crystal inputs
0.2 × VDD
V
VOH[8]
High-level output voltage
CLKA, IOH = –5 mA
0.85 × VDD
V
VOL[8]
Low-level output voltage
CLKA, IOL = 6 mA
0.1 × VDD
V
IOH[8]
Output high current
VOH = 0.7 × VDD
–10
mA
IOL[8]
Output low current
VOL = 0.2 × VDD
15
mA
IIH
Input high current
VIH = VDD
–2
2
µA
IIL
Input low current
VIL = 0 V
10
µA
IDD[9]
Power supply current
PD HIGH, CLKA = 50 MHz
40
mA
IDD
Power supply current
PD LOW, Logic inputs LOW
40
µA
IDD
Power supply current
PD LOW, Logic inputs HIGH
12
µA
RPU[8]
Pull-up resistor
VIN = VDD – 0.5 V
900
k
Notes
6. Guaranteed by design, not 100% tested in production.
7. Load = max. typical configuration, fREF = 14.318 MHz. Specific configurations may vary. A close approximation of IDD can be derived by the following formula:
IDD (mA) = VDD × (6.25 + (0.055 × FREF) + (0.0017 × CLOAD × (FCLKA + REFCLK))). CLOAD is specified in pF and F is specified in MHz.
8. Guaranteed by design, not 100% tested in production.
9. Load = max. typical configuration, fREF = 14.318 MHz. Specific configurations may vary. A close approximation of IDD can be derived by the following formula:
IDD (mA) = VDD × (6.25 + (0.055 × FREF) + (0.0017 × CLOAD × (FCLKA + REFCLK))). CLOAD is specified in pF and F is specified in MHz.
:


Similar Part No. - CY3670

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3670 CYPRESS-CY3670 Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY3670 CYPRESS-CY3670 Datasheet
230Kb / 9P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY3670 CYPRESS-CY3670 Datasheet
355Kb / 11P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY3670 CYPRESS-CY3670 Datasheet
209Kb / 4P
   FTG Programming Kit
More results

Similar Description - CY3670

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2071A CYPRESS-CY2071A_06 Datasheet
230Kb / 9P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_07 Datasheet
355Kb / 11P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_08 Datasheet
346Kb / 12P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com