Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2907FX14 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2907FX14
Description  Single-PLL General Purpose EPROM Programmable Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2907FX14 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY2907FX14 Datasheet HTML 2Page - Cypress Semiconductor CY2907FX14 Datasheet HTML 3Page - Cypress Semiconductor CY2907FX14 Datasheet HTML 4Page - Cypress Semiconductor CY2907FX14 Datasheet HTML 5Page - Cypress Semiconductor CY2907FX14 Datasheet HTML 6Page - Cypress Semiconductor CY2907FX14 Datasheet HTML 7Page - Cypress Semiconductor CY2907FX14 Datasheet HTML 8Page - Cypress Semiconductor CY2907FX14 Datasheet HTML 9Page - Cypress Semiconductor CY2907FX14 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY2907
Document Number: 38-07137 Rev. *G
Page 6 of 13
Switching Characteristics at 5.0 V Commercial[10]
Parameter Output[11]
Description
Test Conditions
Min
Max
Unit
tR
CLKA
Output rise time 0.8 V to 2.0 V
15 pF load
1.40
ns
tF
CLKA
Output fall time 2.0 V to 0.8 V
15 pF load
1.00
ns
tR
CLKA
Output rise time 20% to 80%
15 pF load
3.5
ns
tF
CLKA
Output fall time 80% to 20%
15 pF load
2.5
ns
tD
CLKA
Duty cycle
15 pF load at 1.4 V
45.0
55.0
%
FI
XTALIN
Input frequency
Crystal oscillator
10
25
MHz
FI
XTALIN
Input frequency
External input clock[12]
1
30
MHz
FO
CLKA
Output frequency
CY2907, 15 pF load
0.5
130.0
MHz
CY2907F, 15 pF load
0.5
100.0
MHz
tJIS
CLKA
Jitter (one sigma)
20 MHz to 130 MHz
150
ps
tJIS
CLKA
Jitter (one sigma)
14 MHz to 20 MHz
200
ps
tJIS
CLKA
Jitter (one sigma)
Less than 14 MHz
1
%
tJAB
CLKA
Jitter (absolute)
20 MHz to 130 MHz
–250
+ 250
ps
tJAB
CLKA
Jitter (absolute)
14 MHz to 20 MHz
–500
+ 500
ps
tJAB
CLKA
Jitter (absolute)
Less than 14 MHz
3
%
tPU
Power-up time
18
ms
tFT
CLKA
Transition time
8 MHz to 66.6 MHz
13
ms
Switching Characteristics at 3.3 V Commercial[10]
Parameter Output[11]
Description
Test Conditions
Min
Max
Unit
tR
CLKA
Output rise time 20% to 80%
15 pF Load
3.5
ns
tF
CLKA
Output fall time 80% to 20%
15 pF Load
2.5
ns
tD
CLKA
Duty cycle
15 pF Load at 1.4 V
40.0
53.0
%
FI
XTALIN
Input frequency
Crystal Oscillator
10
25
MHz
FI
XTALIN
Input frequency
External Input Clock[12]
130
MHz
FO
CLKA
Output frequency
CY2907, 15 pF Load
0.5
100.0
MHz
CY2907F, 15 pF Load
0.5
80.0
MHz
tJIS
CLKA
Jitter (one sigma)
25 MHz to 100 MHz
150
ps
tJIS
CLKA
Jitter (one sigma)
14 MHz to 25 MHz
200
ps
tJIS
CLKA
Jitter (one sigma)
Less than 14 MHz
1
%
tJAB
CLKA
Jitter (absolute)
25 MHz to 120 MHz
–250
+250
ps
tJAB
CLKA
Jitter (absolute)
14 MHz to 25 MHz
–500
+500
ps
tJAB
CLKA
Jitter (absolute)
Less than 14 MHz
3
%
tPU
Power-up time
18
ms
tFT
CLKA
Transition time
8 MHz to 66.6 MHz
13
ms
Notes
10. Guaranteed by design, not 100% tested in production.
11. REFCLK output can also be configured to be driven by the PLL. In that case these characteristics are also valid.
12. Refer to the application note Crystal Oscillator Topics when using an external reference clock as an input frequency source.


Similar Part No. - CY2907FX14

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2907FX14 CYPRESS-CY2907FX14 Datasheet
355Kb / 11P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2907FX14T CYPRESS-CY2907FX14T Datasheet
355Kb / 11P
   Single-PLL General Purpose EPROM Programmable Clock Generator
More results

Similar Description - CY2907FX14

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2071A CYPRESS-CY2071A_06 Datasheet
230Kb / 9P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_07 Datasheet
355Kb / 11P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_08 Datasheet
346Kb / 12P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com