Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVC16245DGVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVC16245DGVR
Description  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC16245DGVR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AVC16245DGVR Datasheet HTML 1Page - Texas Instruments SN74AVC16245DGVR Datasheet HTML 2Page - Texas Instruments SN74AVC16245DGVR Datasheet HTML 3Page - Texas Instruments SN74AVC16245DGVR Datasheet HTML 4Page - Texas Instruments SN74AVC16245DGVR Datasheet HTML 5Page - Texas Instruments SN74AVC16245DGVR Datasheet HTML 6Page - Texas Instruments SN74AVC16245DGVR Datasheet HTML 7Page - Texas Instruments SN74AVC16245DGVR Datasheet HTML 8Page - Texas Instruments SN74AVC16245DGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
Recommended Operating Conditions
(1)
SN74AVC16245
16-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES142L – JULY 1998 – REVISED MAY 2005
MIN
MAX
UNIT
Operating
1.4
3.6
VCC
Supply voltage
V
Data retention only
1.2
VCC = 1.2 V
VCC
VCC = 1.4 V to 1.6 V
0.65 × VCC
VIH
High-level input voltage
VCC = 1.65 V to 1.95 V
0.65 × VCC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 3 V to 3.6 V
2
VCC = 1.2 V
GND
VCC = 1.4 V to 1.6 V
0.35 × VCC
VIL
Low-level input voltage
VCC = 1.65 V to 1.95 V
0.35 × VCC
V
VCC = 2.3 V to 2.7 V
0.7
VCC = 3 V to 3.6 V
0.8
VI
Input voltage
0
3.6
V
Active state
0
VCC
VO
Output voltage
V
3-state
0
3.6
VCC = 1.4 V to 1.6 V
–2
VCC = 1.65 V to 1.95 V
–4
IOHS
Static high-level output current(2)
mA
VCC = 2.3 V to 2.7 V
–8
VCC = 3 V to 3.6 V
–12
VCC = 1.4 V to 1.6 V
2
VCC = 1.65 V to 1.95 V
4
IOLS
Static low-level output current(2)
mA
VCC = 2.3 V to 2.7 V
8
VCC = 3 V to 3.6 V
12
∆t/∆v
Input transition rise or fall rate
VCC = 1.4 V to 3.6 V
5
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
Dynamic drive capability is equivalent to standard outputs with IOH and IOL of ±24 mA at 2.5-V VCC. See Figure 1 for VOL vs IOL and VOH
vs IOH characteristics. Refer to the TI application reports, AVC Logic Family Technology and Applications, literature number SCEA006,
and Dynamic Output Control (DOC™) Circuitry Technology and Applications, literature number SCEA009.
5


Similar Part No. - SN74AVC16245DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16245DGV TI-SN74AVC16245DGV Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AVC16245DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245A TI-SN74LVCH16245A_06 Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com