Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq27520YZFT-G4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # bq27520YZFT-G4
Description  System-Side Impedance Track Fuel Gauge With Integrated LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq27520YZFT-G4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button bq27520YZFT-G4 Datasheet HTML 4Page - Texas Instruments bq27520YZFT-G4 Datasheet HTML 5Page - Texas Instruments bq27520YZFT-G4 Datasheet HTML 6Page - Texas Instruments bq27520YZFT-G4 Datasheet HTML 7Page - Texas Instruments bq27520YZFT-G4 Datasheet HTML 8Page - Texas Instruments bq27520YZFT-G4 Datasheet HTML 9Page - Texas Instruments bq27520YZFT-G4 Datasheet HTML 10Page - Texas Instruments bq27520YZFT-G4 Datasheet HTML 11Page - Texas Instruments bq27520YZFT-G4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
bq27520-G4
SLUSB20 – NOVEMBER 2012
www.ti.com
GENERAL DESCRIPTION
The bq27520-G4 accurately predicts the battery capacity and other operational characteristics of a single Li-
based rechargeable cell. It can be interrogated by a system processor to provide cell information, such as time-
to-empty (TTE) and state-of-charge (SOC) as well as SOC interrupt signal to the host.
Information is accessed through a series of commands, called Standard Commands. Further capabilities are
provided by the additional Extended Commands set. Both sets of commands, indicated by the general format
Command( ), are used to read and write information contained within the device control and status registers, as
well as its data flash locations. Commands are sent from system to gauge using the bq27520-G4 ’s I2C serial
communications engine, and can be executed during application development, system manufacture, or end-
equipment operation.
Cell information is stored in the device in non-volatile flash memory. Many of these data flash locations are
accessible during application development. They cannot, generally, be accessed directly during end-equipment
operation. Access to these locations is achieved by either use of the bq27520-G4 ’s companion evaluation
software, through individual commands, or through a sequence of data-flash-access commands. To access a
desired data flash location, the correct data flash subclass and offset must be known.
The key to the bq27520-G4 ’s high-accuracy gas gauging prediction is Texas Instrument’s proprietary Impedance
Track™ algorithm. This algorithm uses cell measurements, characteristics, and properties to create state-of-
charge predictions that can achieve less than 1% error across a wide variety of operating conditions and over the
lifetime of the battery.
The device measures charge/discharge activity by monitoring the voltage across a small-value series sense
resistor (5 m
Ω to 20 mΩ typ.) located between the system’s Vss and the battery’s PACK- terminal. When a cell is
attached to the device, cell impedance is learned, based on cell current, cell open-circuit voltage (OCV), and cell
voltage under loading conditions.
The device external temperature sensing is optimized with the use of a high accuracy negative temperature
coefficient (NTC) thermistor with R25 = 10.0k
Ω ±1%. B25/85 = 3435K ± 1% (such as Semitec NTC 103AT).
Alternatively, the bq27520-G4 can also be configured to use its internal temperature sensor or receive
temperature data from the host processor. When an external thermistor is used, a 18.2k pull up resistor between
BI/TOUT and TS pins is also required. The bq27520-G4 uses temperature to monitor the battery-pack
environment, which is used for fuel gauging and cell protection functionality.
To minimize power consumption, the device has different power modes: NORMAL, SLEEP+, SLEEP,
HIBERNATE, and BAT INSERT CHECK. The bq27520-G4 passes automatically between these modes,
depending upon the occurrence of specific events, though a system processor can initiate some of these modes
directly.
For complete operational details, refer to bq27520-G4 Technical Reference Manual.
NOTE
FORMATTING CONVENTIONS IN THIS DOCUMENT:
Commands: italics with parentheses and no breaking spaces, e.g. RemainingCapacity( ).
NVM Data: italics, bold, and breaking spaces, e.g. Design Capacity.
Register bits and flags: brackets and italics, e.g. [TDA]
NVM Data bits: brackets, italics and bold, e.g: [LED1]
Modes and states: ALL CAPITALS, e.g. UNSEALED mode.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :bq27520-G4


Similar Part No. - bq27520YZFT-G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520YZFT-G4 TI1-BQ27520YZFT-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27520YZFT-G4 TI1-BQ27520YZFT-G4 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
More results

Similar Description - bq27520YZFT-G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520-G3 TI-BQ27520-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G3 TI1-BQ27520-G3_17 Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G1 TI-BQ27520-G1 Datasheet
667Kb / 46P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G1 TI1-BQ27520-G1_14 Datasheet
1,021Kb / 50P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2_17 Datasheet
1Mb / 50P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2 Datasheet
839Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com