Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQL40N50F Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQL40N50F
Description  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQL40N50F Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQL40N50F Datasheet HTML 1Page - Fairchild Semiconductor FQL40N50F Datasheet HTML 2Page - Fairchild Semiconductor FQL40N50F Datasheet HTML 3Page - Fairchild Semiconductor FQL40N50F Datasheet HTML 4Page - Fairchild Semiconductor FQL40N50F Datasheet HTML 5Page - Fairchild Semiconductor FQL40N50F Datasheet HTML 6Page - Fairchild Semiconductor FQL40N50F Datasheet HTML 7Page - Fairchild Semiconductor FQL40N50F Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
September 2001
Rev. A2, September 2001
FRFETTM
FQL40N50F
500V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switch mode power supplies,
where the body diode is used such as phase-shift ZVS,
basic full-bridge topology.
Features
• 40A, 500V, RDS(on) = 0.11Ω @VGS = 10 V
• Low gate charge ( typical 155 nC)
• Low Crss ( typical 95 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• Fast recovery body diode ( max, 250ns )
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQL40N50F
Units
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
40
A
- Continuous (TC = 100°C)
25
A
IDM
Drain Current
- Pulsed
(Note 1)
160
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
1800
mJ
IAR
Avalanche Current
(Note 1)
40
A
EAR
Repetitive Avalanche Energy
(Note 1)
46
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
20
V/ns
PD
Power Dissipation (TC = 25°C)
460
W
- Derate above 25°C
3.7
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.27
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.1
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
30
°C/W
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
TO-264
FQL Series
G
S
D


Similar Part No. - FQL40N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQL40N50 FAIRCHILD-FQL40N50 Datasheet
623Kb / 8P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQL40N50 ISC-FQL40N50 Datasheet
311Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQL40N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com