Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27520YZFR-G4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27520YZFR-G4
Description  System-Side Impedance Track Fuel Gauge With Integrated LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27520YZFR-G4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ27520YZFR-G4 Datasheet HTML 2Page - Texas Instruments BQ27520YZFR-G4 Datasheet HTML 3Page - Texas Instruments BQ27520YZFR-G4 Datasheet HTML 4Page - Texas Instruments BQ27520YZFR-G4 Datasheet HTML 5Page - Texas Instruments BQ27520YZFR-G4 Datasheet HTML 6Page - Texas Instruments BQ27520YZFR-G4 Datasheet HTML 7Page - Texas Instruments BQ27520YZFR-G4 Datasheet HTML 8Page - Texas Instruments BQ27520YZFR-G4 Datasheet HTML 9Page - Texas Instruments BQ27520YZFR-G4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
bq27520-G4
SLUSB20 – NOVEMBER 2012
www.ti.com
ADC (TEMPERATURE AND CELL MEASUREMENT) CHARACTERISTICS
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VA1
Input voltage range (TS )
VSS
2
V
0.125
VA2
Input voltage range (BAT)
VSS
5
V
0.125
VIN(ADC)
Input voltage range
0.05
1
V
GTEMP
Internal temperature sensor
–2
mV/°C
voltage gain
tADC_CONV
Conversion time
125
ms
Resolution
14
15
bits
VOS(ADC)
Input offset
1
mV
ZADC1
(1)
Effective input resistance (TS )
8
M
bq27520-G4 not measuring cell
8
M
voltage
ZADC2
(1)
Effective input resistance (BAT)
bq27520-G4 measuring cell voltage
100
k
Ilkg(ADC)
(1)
Input leakage current
0.3
μA
(1)
Specified by design. Not tested in production.
INTEGRATING ADC (COULOMB COUNTER) CHARACTERISTICS
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSR
Input voltage range, V(SRN) and
VSR = V(SRN) – V(SRP)
–0.125
0.125
V
V(SRP)
tSR_CONV
Conversion time
Single conversion
1
s
Resolution
14
15
bits
VOS(SR)
Input offset
10
μV
INL
Integral nonlinearity error
±0.007
±0.034
% FSR
ZIN(SR)
(1)
Effective input resistance
2.5
M
Ilkg(SR)
(1)
Input leakage current
0.3
μA
(1)
Specified by design. Not tested in production.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :bq27520-G4


Similar Part No. - BQ27520YZFR-G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520YZFR-G4 TI1-BQ27520YZFR-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27520YZFR-G4 TI1-BQ27520YZFR-G4 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
More results

Similar Description - BQ27520YZFR-G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520-G3 TI-BQ27520-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G3 TI1-BQ27520-G3_17 Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G1 TI-BQ27520-G1 Datasheet
667Kb / 46P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G1 TI1-BQ27520-G1_14 Datasheet
1,021Kb / 50P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2_17 Datasheet
1Mb / 50P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2 Datasheet
839Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com