Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC007BM Datasheet(PDF) 8 Page - Texas Instruments

Part # CLC007BM
Description  CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CLC007BM Datasheet(HTML) 8 Page - Texas Instruments

Back Button CLC007BM Datasheet HTML 4Page - Texas Instruments CLC007BM Datasheet HTML 5Page - Texas Instruments CLC007BM Datasheet HTML 6Page - Texas Instruments CLC007BM Datasheet HTML 7Page - Texas Instruments CLC007BM Datasheet HTML 8Page - Texas Instruments CLC007BM Datasheet HTML 9Page - Texas Instruments CLC007BM Datasheet HTML 10Page - Texas Instruments CLC007BM Datasheet HTML 11Page - Texas Instruments CLC007BM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
500
1000
1500
2000
2500
3000
0
10
20
30
40
50
RISE TIME (ps)
CLC007
SNLS016E – JULY 1998 – REVISED APRIL 2013
www.ti.com
Output Rise And Fall Times
Output load capacitance can significantly affect output rise and fall times. The effect of load capacitance, stray or
otherwise, may be reduced by placing the output back-match resistor close to the output pin and by minimizing
all interconnecting trace lengths. Figure 10 shows the effect on risetime of parallel load capacitance across a
150
Ω load.
Figure 10. Rise Time vs CL
PCB Layout Recommendations
Printed circuit board layout affects the performance of the CLC007. The following guidelines will aid in achieving
satisfactory device performance.
Use a ground plane or power/ground plane sandwich design for optimum performance.
Bypass device power with a 0.01 µF monolithic ceramic capacitor in parallel with a 6.8 µF tantalum
electrolytic capacitor located no more than 0.1” (2.5 mm) from the device power pins.
Provide short, symmetrical ground return paths for:
Inputs,
Supply bypass capacitors and
The output load.
Provide short, grounded guard traces located
Under the centerline of the package,
0.1” (2.5 mm) from the package pins
On both top and bottom of the board with connecting vias.
8
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: CLC007


Similar Part No. - CLC007BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC007 NSC-CLC007 Datasheet
136Kb / 10P
   Serial Digital Cable Driver with Dual Complementary Outputs
CLC007 NSC-CLC007 Datasheet
269Kb / 10P
   Serial Digital Cable Driver with Dual Complementary
CLC007AJE NSC-CLC007AJE Datasheet
136Kb / 10P
   Serial Digital Cable Driver with Dual Complementary Outputs
CLC007 NSC-CLC007_07 Datasheet
269Kb / 10P
   Serial Digital Cable Driver with Dual Complementary
More results

Similar Description - CLC007BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC007 NSC-CLC007 Datasheet
136Kb / 10P
   Serial Digital Cable Driver with Dual Complementary Outputs
CLC007 NSC-CLC007_07 Datasheet
269Kb / 10P
   Serial Digital Cable Driver with Dual Complementary
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
   Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
CLC001 NSC-CLC001_06 Datasheet
567Kb / 11P
   Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC006BM TI-CLC006BM Datasheet
933Kb / 16P
[Old version datasheet]   CLC006 Serial Digital Cable Driver with Adjustable Outputs
logo
M/A-COM Technology Solu...
M08048 MA-COM-M08048 Datasheet
384Kb / 2P
   3G/HD/SD Serial Digital Video Cable Driver With Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com