Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS8921AM-NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # DS8921AM-NOPB
Description  DS8921/DS8921A/DS8921AT Differential Line Driver and Receiver Pair
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS8921AM-NOPB Datasheet(HTML) 2 Page - Texas Instruments

  DS8921AM-NOPB Datasheet HTML 1Page - Texas Instruments DS8921AM-NOPB Datasheet HTML 2Page - Texas Instruments DS8921AM-NOPB Datasheet HTML 3Page - Texas Instruments DS8921AM-NOPB Datasheet HTML 4Page - Texas Instruments DS8921AM-NOPB Datasheet HTML 5Page - Texas Instruments DS8921AM-NOPB Datasheet HTML 6Page - Texas Instruments DS8921AM-NOPB Datasheet HTML 7Page - Texas Instruments DS8921AM-NOPB Datasheet HTML 8Page - Texas Instruments DS8921AM-NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS8921, DS8921A, DS8921AT
SNLS374C – MAY 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
7V
Driver Input Voltage
−0.5V to +7V
Output Voltage
5.5V
Receiver Output Sink Current
50 mA
Receiver Input Voltage
±10V
Differential Input Voltage
±12V
Maximum Package Power Dissipation @ +25°C
D Package
730 mW
P Package
1160 mW
Derate D Package
9.3 mW/°C above +25°C
Derate P Package
5.8 mW/°C above +25°C
Storage Temperature Range
−65°C to +165°C
Lead Temperature
+260°C
(Soldering, 4 sec.)
+260°C
Maximum Junction
Temperature
+150°C
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be ensured. They are not meant to imply
that the device should be operated at these limits. The Table of Electrical Characteristics provides conditions for actual device operation.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instrument Sales Office/ Distributors for availability and
specifications.
Recommended Operating Conditions
Min
Max
Units
Supply Voltage
4.5
5.5
V
Temperature (TA)
DS8921/DS8921A
0
70
°C
DS8921AT
−40
+85
°C
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS8921 DS8921A DS8921AT


Similar Part No. - DS8921AM-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8921AM NSC-DS8921AM Datasheet
244Kb / 8P
   Differential Line Driver and Receiver Pair
logo
Texas Instruments
DS8921AM TI1-DS8921AM Datasheet
1Mb / 20P
[Old version datasheet]   Differential Line Driver and Receiver Pair
DS8921AM/NOPB TI1-DS8921AM/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   Differential Line Driver and Receiver Pair
DS8921AM/NOPB TI1-DS8921AM/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   DS8921x Differential Line Driver and Receiver Pair
DS8921AMX TI1-DS8921AMX Datasheet
1Mb / 20P
[Old version datasheet]   Differential Line Driver and Receiver Pair
More results

Similar Description - DS8921AM-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
[Old version datasheet]   Differential Line Driver and Receiver Pair
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
   Differential Line Driver and Receiver Pair
DS89C21 NSC-DS89C21 Datasheet
78Kb / 6P
   Differential CMOS Line Driver and Receiver Pair
logo
Texas Instruments
DS8921 TI1-DS8921_V01 Datasheet
1Mb / 21P
[Old version datasheet]   DS8921x Differential Line Driver and Receiver Pair
DS89C21 TI1-DS89C21_14 Datasheet
759Kb / 13P
[Old version datasheet]   Differential CMOS Line Driver and Receiver Pair
SN65LBC180-Q1 TI1-SN65LBC180-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179B TI-SN75179B Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com