Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-640866-8 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 4-640866-8
Description  MTA-156 CARD EDGE CONNECTOR ASSEMBLY, 22 AWG, PANEL MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4-640866-8 Datasheet(HTML) 1 Page - Tyco Electronics

  4-640866-8 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 4-640866-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-640429-0 MACOM-4-640429-0 Datasheet
141Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
4-640429-1 MACOM-4-640429-1 Datasheet
141Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
4-640429-2 MACOM-4-640429-2 Datasheet
141Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
4-640429-3 MACOM-4-640429-3 Datasheet
141Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
4-640429-4 MACOM-4-640429-4 Datasheet
141Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
More results

Similar Description - 4-640866-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
641170 MACOM-641170 Datasheet
129Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
644814 MACOM-644814 Datasheet
129Kb / 1P
   MTA-156 POSTED CONNECTOR ASSEMBLY, 22 AWG
640433 MACOM-640433 Datasheet
129Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
644783 MACOM-644783 Datasheet
135Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY 22 AWG, STANDARD, TAPE MOUNTED
3-644465-2 MACOM-3-644465-2 Datasheet
113Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 18 AWG
641149 MACOM-641149 Datasheet
130Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 20 AWG, STANDARD
644807 MACOM-644807 Datasheet
128Kb / 1P
   MTA-156 POSTED CONNECTOR ASSEMBLY, 18 AWG
640432 MACOM-640432 Datasheet
140Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 20 AWG, STANDARD
640430 MACOM-640430 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
3-640426-2 MACOM-3-640426-2 Datasheet
134Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 18 AWG, STANDARD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com