Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24253RGET Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24253RGET
Description  2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24253RGET Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24253RGET Datasheet HTML 6Page - Texas Instruments BQ24253RGET Datasheet HTML 7Page - Texas Instruments BQ24253RGET Datasheet HTML 8Page - Texas Instruments BQ24253RGET Datasheet HTML 9Page - Texas Instruments BQ24253RGET Datasheet HTML 10Page - Texas Instruments BQ24253RGET Datasheet HTML 11Page - Texas Instruments BQ24253RGET Datasheet HTML 12Page - Texas Instruments BQ24253RGET Datasheet HTML 13Page - Texas Instruments BQ24253RGET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
SW
+
+
BOOT
LDO
V LDO
SYS
BAT
INT / PG
+
VLDO
TS
TS 0°C
TS -10°C
TS 45 °C
TS 10 °C
DISABLE
+
MINSYS
Amp
V OUTMIN Comparator
PWM
LOOP SELECT
COMPENSATION
DRIVER
VOUT
+
LDO
Termination
Comparator
CHARGE
CONTROLLER
IN
Charge
Pump
+
VBATREG
Amp
Charge
Pump
VBATREG – 0.12V
+
Recharge Comparator
VBAT
Batt Detect Or
Precharge
Curent Source
-
ICHG
Amp
PGND
Q4
Q2
Q1
CbC
Comparator
STAT/CHG
VREF_BATREG
,
V MINSYS
Reference
TJ
125C
_
Sleep
Comparator
VBAT+VSLP
VIN_DPM
Amp
+
TS 60°C
ILIM
VREF_INLIM
+
ISET
VREF_MINSYS
VSYSMIN
SCL
SDA
VDPM
+
VREF_DPM
Q3
_
I2C
Controller
/CE
VREF_TERM
+
VREF_ICHG
_
+
_
+
IIN_LIM
Amp
MINSYS
ICHG Amp
V MINSYS
MINSYS Comparator
+
VSYS
+
BATSHORT Comparator
VBAT
+
Supplement Comparator
VBAT VBSUP
VSYS
VBATSHRT
PMID
EN1 / D+
EN2 / D-
Input
current limit
decoder /
D+ and D-
Decoder
LDO
VDPM_DAC
Host
I2C Only
bq24250
bq24251
bq24253
SLUSBA1C – OCTOBER 2012 – REVISED JUNE 2013
www.ti.com
BLOCK DIAGRAM
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: bq24250 bq24251 bq24253


Similar Part No. - BQ24253RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250C TI1-BQ24250C Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFR TI1-BQ24250CYFFR Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFT TI1-BQ24250CYFFT Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24257 TI-BQ24257 Datasheet
2Mb / 45P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Integrated Current Sense Resistor
More results

Similar Description - BQ24253RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24257 TI-BQ24257 Datasheet
2Mb / 45P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Integrated Current Sense Resistor
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Texas Instruments
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com