Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR1AM-14A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BCR1AM-14A
Description  700V-1A-Triac Low Power Use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR1AM-14A Datasheet(HTML) 3 Page - Renesas Technology Corp

  BCR1AM-14A Datasheet HTML 1Page - Renesas Technology Corp BCR1AM-14A Datasheet HTML 2Page - Renesas Technology Corp BCR1AM-14A Datasheet HTML 3Page - Renesas Technology Corp BCR1AM-14A Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BCR1AM-14A
Preliminary
R07DS1076EJ0100 Rev.1.00
Page 3 of 3
May 30, 2013
Package Dimensions
SC-43A
0.23g
MASS[Typ.]
T920
PRSS0003EA-A
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
φ5.0Max
4.4
1.25
Circumscribed circle
φ0.7
1.25
Package Name
TO-92
*
Ordering Information
Orderable Part Number
Packing
Quantity
Remark
BCR1AM-14A#B00
Bag
500 pcs.
Straight type
BCR1AM-14A-1#B00
Bag
500 pcs.
Straight type, IGT item : 1
BCR1AM-14A-A6#B00
Bag
500 pcs.
A6 Lead form
BCR1AM-14A-A9#B00
Bag
500 pcs.
A9 Lead form
BCR1AM-14A-TB#B00
Adhesive Tape
2000 pcs.
BCR1AM-14A-1TB#B00
Adhesive Tape
2000 pcs.
IGT item : 1
Note:
Please confirm the specification about the shipping in detail.


Similar Part No. - BCR1AM-14A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR1AM-14A#B00 RENESAS-BCR1AM-14A#B00 Datasheet
113Kb / 7P
   700V-1A-Triac Low Power Use
BCR1AM-14A-1#B00 RENESAS-BCR1AM-14A-1#B00 Datasheet
113Kb / 7P
   700V-1A-Triac Low Power Use
BCR1AM-14A-1A6#B00 RENESAS-BCR1AM-14A-1A6#B00 Datasheet
113Kb / 7P
   700V-1A-Triac Low Power Use
BCR1AM-14A-1TB#B00 RENESAS-BCR1AM-14A-1TB#B00 Datasheet
113Kb / 7P
   700V-1A-Triac Low Power Use
BCR1AM-14A-A6#B00 RENESAS-BCR1AM-14A-A6#B00 Datasheet
113Kb / 7P
   700V-1A-Triac Low Power Use
More results

Similar Description - BCR1AM-14A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR1AM-14A RENESAS-BCR1AM-14A_15 Datasheet
113Kb / 7P
   700V-1A-Triac Low Power Use
BCR3AM-14B RENESAS-BCR3AM-14B Datasheet
386Kb / 9P
   700V - 3A - Triac Low Power Use
Feb. 22, 2022
BCR08AS-14A RENESAS-BCR08AS-14A Datasheet
68Kb / 4P
   700V - 0.8A - Triac Low Power Use
BCR08DS-14A RENESAS-BCR08DS-14A_13 Datasheet
105Kb / 7P
   700V-0.8A-Triac Low Power Use
BCR08ES-14A RENESAS-BCR08ES-14A Datasheet
102Kb / 4P
   700V - 0.8A - Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A_15 Datasheet
100Kb / 7P
   700V-0.8A-Triac Low Power Use
BCR3AS-14B RENESAS-BCR3AS-14B Datasheet
447Kb / 8P
   700V - 3A - Triac Low Power Use
May. 10, 2019
BCR08DS-14A RENESAS-BCR08DS-14A_15 Datasheet
275Kb / 8P
   700V-0.8A-Triac Low Power Use
BCR1BM-16A RENESAS-BCR1BM-16A_15 Datasheet
62Kb / 4P
   800V - 1A - Triac Low Power Use
BCR1BM-16A RENESAS-BCR1BM-16A Datasheet
62Kb / 4P
   800V - 1A - Triac Low Power Use
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com