Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450-5301-01 Datasheet(PDF) 10 Page - CAMBION Electronic Components

Part # 450-5301-01
Description  SINGLE POLE SOCKETS - SOLDER MOUNT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

450-5301-01 Datasheet(HTML) 10 Page - CAMBION Electronic Components

Back Button 450-5301-01 Datasheet HTML 2Page - CAMBION Electronic Components 450-5301-01 Datasheet HTML 3Page - CAMBION Electronic Components 450-5301-01 Datasheet HTML 4Page - CAMBION Electronic Components 450-5301-01 Datasheet HTML 5Page - CAMBION Electronic Components 450-5301-01 Datasheet HTML 6Page - CAMBION Electronic Components 450-5301-01 Datasheet HTML 7Page - CAMBION Electronic Components 450-5301-01 Datasheet HTML 8Page - CAMBION Electronic Components 450-5301-01 Datasheet HTML 9Page - CAMBION Electronic Components 450-5301-01 Datasheet HTML 10Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Dimensions in inches (mm)
Call our dedicated order line on +44 (0) 1433 621555 or visit www.cambion.com
28
SHORTING LINKS - PLUG
XXX - XXXX - XX - 03 - XX
How to order code
Basic Part No.
Pin Finish
Insulator Colour
(where applicable)
Brass

Pin
Polypropylene

Insulation
Component
Material
RoHS
MaterialCodeTable
FinishCodeTable
-03
GoldoverNickel

DashNo.
PinFinish
RoHS InsulationColourCodeTable
-00
None
-10
Black
-12
Red
-16
Blue
DashNo.
Colour
360-0004 -01 .200(5.08)
-
.200(5.08)
-
.025(0.64)
-02 .250(6.35)
-03 .300(7.62)
-04 .400(10.16)
1
-05 .500(12.70)
360-0017 -01 .200(5.08)
-
.261(6.63)
-
.040(1.02)
-02 .250(6.35)
-03 .300(7.62)
-04 .400(10.16)
-05 .500(12.70)
461-2871 -01 .200 (5.08) .375 (9.53) .181 (4.60) .250 (6.35) .040 (1.02)
2
-02 .250(6.35)
461-3771 -01 .400(10.16) .620(15.75) .181(4.60) .432(10.97) .040(1.02)
-02 .500(12.70)
461-2251 -01 .200(5.08) .334(8.48) .125(3.18)
-
.025(0.64)
-02 .250(6.35) .384(9.75)
-03 .300(7.62) .434(11.02)
-04 .400(10.16) .534(13.56)
3
-05 .500(12.70) .634(16.10)
461-2872 -01 .200(5.08) .334(8.48) .181(4.60)
-
.040(1.02)
-02 .250(6.35) .384(9.75)
-03 .300(7.62) .434(11.02)
-04 .400(10.16) .534(13.56)
-05 .500(12.70) .634(16.10)
Fig.
Basic Part
ALB
C
D
No.
Typical application


Similar Part No. - 450-5301-01

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
450-5301 CAMBION-450-5301 Datasheet
26Kb / 1P
   Solder mount socket, for .040 (1,02) diameter pins
More results

Similar Description - 450-5301-01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4833.2300 SCHURTER-4833.2300_V01 Datasheet
285Kb / 2P
   , solder terminal, screened, 3-pole, Audio Plug/Sockets, 6.3 mm
04.01.2022
4831.2200 SCHURTER-4831.2200_20 Datasheet
287Kb / 2P
   , solder terminal, screened, 2-pole, Audio Plug/Sockets, 2.5 mm
4831.1300 SCHURTER-4831.1300_20 Datasheet
224Kb / 2P
   , solder terminal, screened, 3-pole, Audio Plug/Sockets, 2.5 mm
4833.3300 SCHURTER-4833.3300 Datasheet
287Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 6.3 mm
4833.1320 SCHURTER-4833.1320 Datasheet
227Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 6.3 mm
4833.2200 SCHURTER-4833.2200 Datasheet
284Kb / 2P
   , solder terminal, screened, 2-pole, Audio Plug/Sockets, 6.3 mm
4831.3200 SCHURTER-4831.3200_V01 Datasheet
286Kb / 2P
   , solder terminal, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
4832.3300 SCHURTER-4832.3300_V02 Datasheet
286Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 3.5 mm
04.01.2022
4833.2200 SCHURTER-4833.2200_V01 Datasheet
284Kb / 2P
   , solder terminal, screened, 2-pole, Audio Plug/Sockets, 6.3 mm
04.01.2022
4831.1300 SCHURTER-4831.1300_V01 Datasheet
223Kb / 2P
   , solder terminal, screened, 3-pole, Audio Plug/Sockets, 2.5 mm
04.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com