Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450-3286-01 Datasheet(PDF) 3 Page - CAMBION Electronic Components

Part # 450-3286-01
Description  SINGLE POLE SOCKETS - SOLDER MOUNT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

450-3286-01 Datasheet(HTML) 3 Page - CAMBION Electronic Components

  450-3286-01 Datasheet HTML 1Page - CAMBION Electronic Components 450-3286-01 Datasheet HTML 2Page - CAMBION Electronic Components 450-3286-01 Datasheet HTML 3Page - CAMBION Electronic Components 450-3286-01 Datasheet HTML 4Page - CAMBION Electronic Components 450-3286-01 Datasheet HTML 5Page - CAMBION Electronic Components 450-3286-01 Datasheet HTML 6Page - CAMBION Electronic Components 450-3286-01 Datasheet HTML 7Page - CAMBION Electronic Components 450-3286-01 Datasheet HTML 8Page - CAMBION Electronic Components 450-3286-01 Datasheet HTML 9Page - CAMBION Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SINGLE POLE SOCKETS - PATCHCORD CRIMP
Call our dedicated order line on +44 (0) 1433 621555 or visit www.cambion.com
13
Fig.
Basic Part
P
A
BC
D
D1
E
FG
H
No.
450 - XXXX - 01 - XX - XX
How to order code
Basic Part No.
Socket Finish
Insulator
Colour
450-3367-01 .040(1.02) .224(5.69) .306(7.77) .185(4.70) .105(2.67) .091(2.29) .031(0.79) .060(1.52) .029(0.74) .282(7.16)
1
Alsoavailablewithblackpolyolefinsleeveas450-3378-01-XX-10
450-1807-01 .080(2.03) .420(10.67) .306(7.77) .375(9.53) .170(4.32) .143(3.63) .031(0.79) .060(1.52) .029(0.74) .282(7.16)
2 450-0016-01 .061(1.55) .234(5.94) .296(7.52) .190(4.83) .141(3.58) .119(3.02) .046(1.17) .076(1.93) .039(0.99) .267(6.78)
Alsoavailablewithblackpolyolefinsleeveas450-3413-01-XX-10
Body
Brass

Spring
BerylliumCopper

(HeatTreated)
Insulation PolyolefinPlastic 
Component
Material
RoHS
MaterialCodeTable
FinishCodeTable
-03
GoldoverNickel GoldoverNickel 
-04
Electro-Tin
Electro-Tin

-06
Electro-Tin GoldoverNickel 
DashNo.
BodyFinish
SpringFinish RoHS InsulationColourCodeTable
-00
None
-10
Black
DashNo.
Colour
450-3367/450-3378/450-1807
Recommendedhook-upwiresize- #22AWG,7strands#30AWGcopperwirePTFEinsulated
Socketsalsoaccommodate
#20AWG,7strands#28AWGcopperwire
#24AWG,7strands#32AWGcopperwire
450-0016/450-3413
Recommendedhook-upwiresize- #20AWG,7strands#28AWGcopperwirePTFEinsulated
Socketsalsoaccommodate
#18AWG,7strands#26AWGcopperwire
#16AWG,19strands#29AWGcopperwire
Dimensions in inches (mm)
See page 91 for recommended Crimping Pliers


Similar Part No. - 450-3286-01

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
450-3286 CAMBION-450-3286 Datasheet
26Kb / 1P
   Solder mount, through hole socket, for .040 (1,02) diameter pins
More results

Similar Description - 450-3286-01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4833.2300 SCHURTER-4833.2300_V01 Datasheet
285Kb / 2P
   , solder terminal, screened, 3-pole, Audio Plug/Sockets, 6.3 mm
04.01.2022
4831.2200 SCHURTER-4831.2200_20 Datasheet
287Kb / 2P
   , solder terminal, screened, 2-pole, Audio Plug/Sockets, 2.5 mm
4831.1300 SCHURTER-4831.1300_20 Datasheet
224Kb / 2P
   , solder terminal, screened, 3-pole, Audio Plug/Sockets, 2.5 mm
4833.3300 SCHURTER-4833.3300 Datasheet
287Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 6.3 mm
4833.1320 SCHURTER-4833.1320 Datasheet
227Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 6.3 mm
4833.2200 SCHURTER-4833.2200 Datasheet
284Kb / 2P
   , solder terminal, screened, 2-pole, Audio Plug/Sockets, 6.3 mm
4831.3200 SCHURTER-4831.3200_V01 Datasheet
286Kb / 2P
   , solder terminal, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
4832.3300 SCHURTER-4832.3300_V02 Datasheet
286Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 3.5 mm
04.01.2022
4833.2200 SCHURTER-4833.2200_V01 Datasheet
284Kb / 2P
   , solder terminal, screened, 2-pole, Audio Plug/Sockets, 6.3 mm
04.01.2022
4831.1300 SCHURTER-4831.1300_V01 Datasheet
223Kb / 2P
   , solder terminal, screened, 3-pole, Audio Plug/Sockets, 2.5 mm
04.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com