Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5404 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 4Page - Texas Instruments ADS5404 Datasheet HTML 5Page - Texas Instruments ADS5404 Datasheet HTML 6Page - Texas Instruments ADS5404 Datasheet HTML 7Page - Texas Instruments ADS5404 Datasheet HTML 8Page - Texas Instruments ADS5404 Datasheet HTML 9Page - Texas Instruments ADS5404 Datasheet HTML 10Page - Texas Instruments ADS5404 Datasheet HTML 11Page - Texas Instruments ADS5404 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
ADS5404
SLAS945 – APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 500Msps, 50%
clock duty cycle, AVDD33 = 3.3V, AVDDC/AVDD18/DVDD/DVDDLVDS/IOVDD = 1.8V, –1dBFS differential input (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
MIN
TYP MAX
UNITS
Auto Correction
Enabled
Disabled
Vpp
DYNAMIC AC CHARACTERISTICS(1)
fIN = 10 MHz
60.8
60.8
fIN = 100 MHz
60.7
60.8
SNR
Signal to Noise Ratio
fIN = 230 MHz
59
60.6
60.7
dBFS
fIN = 450 MHz
60.2
60.6
fIN = 700 MHz
59.4
60.1
fIN = 10 MHz
84
86
fIN = 100 MHz
84
82
Second and third harmonic
HD2,3
fIN = 230 MHz
70
80
83
dBc
distortion
fIN = 450 MHz
82
84
fIN = 700 MHz
76
74
fIN = 10 MHz
77
78
fIN = 100 MHz
77
78
Spur Free Dynamic Range
Non
(excluding second and third
fIN = 230 MHz
70
77
77
dBc
HD2,3
harmonic distortion)
fIN = 450 MHz
74
75
fIN = 700 MHz
70
71
fIN = 10 MHz
92
80
fIN = 100 MHz
83
79
IL
Fs/2-Fin interleaving spur
fIN = 230 MHz
70
83
79
dBc
fIN = 450 MHz
79
76
fIN = 700 MHz
75
73
fIN = 10 MHz
60.6
60.7
fIN = 100 MHz
60.6
60.7
Signal to noise and distortion
SINAD
fIN = 230 MHz
57.5
60.5
60.7
dBFS
ratio
fIN = 450 MHz
60.1
60.5
fIN = 700 MHz
59.3
60
fIN = 10 MHz
76.3
79.0
fIN = 100 MHz
76.5
77.6
THD
Total Harmonic Distortion
fIN = 230 MHz
68
77.4
78.1
dBc
fIN = 450 MHz
76.3
77.9
fIN = 700 MHz
73.4
72.9
Fin = 129.5 and 130.5 MHz, -7
82
82
dBFS
IMD3
Inter modulation distortion
dBFS
Fin = 349.5 and 350.5 MHz, -7
80
80
dBFS
Crosstalk
90
90
dB
ENOB
Effective number of bits
fIN = 230 MHz
9.8
9.8
LSB
(1)
SFDR and SNR calculations do not include the DC or Fs/2 bins when Auto Correction is disabled.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5404


Similar Part No. - ADS5404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5404 TI-ADS5404 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
ADS5404 TI1-ADS5404 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 900Msps Analog-to-Digital Converter
ADS5404 TI-ADS5404 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5404 TI-ADS5404 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
More results

Similar Description - ADS5404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5403 TI1-ADS5403 Datasheet
1Mb / 44P
[Old version datasheet]   Single Channel 12-Bit 500Msps Analog to Digital Converter
ADS5409 TI1-ADS5409 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 900Msps Analog-to-Digital Converter
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS54J20 TI1-ADS54J20 Datasheet
5Mb / 81P
[Old version datasheet]   Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
ADS5402 TI-ADS5402 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com