Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLLE1AX7R0J684M Datasheet(PDF) 7 Page - TDK Electronics

Part # CLLE1AX7R0J684M
Description  Ultra Low Inductance Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CLLE1AX7R0J684M Datasheet(HTML) 7 Page - TDK Electronics

Back Button CLLE1AX7R0J684M Datasheet HTML 3Page - TDK Electronics CLLE1AX7R0J684M Datasheet HTML 4Page - TDK Electronics CLLE1AX7R0J684M Datasheet HTML 5Page - TDK Electronics CLLE1AX7R0J684M Datasheet HTML 6Page - TDK Electronics CLLE1AX7R0J684M Datasheet HTML 7Page - TDK Electronics CLLE1AX7R0J684M Datasheet HTML 8Page - TDK Electronics CLLE1AX7R0J684M Datasheet HTML 9Page - TDK Electronics CLLE1AX7R0J684M Datasheet HTML 10Page - TDK Electronics CLLE1AX7R0J684M Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TDK MLCC US Catalog
Version B11
Page 235
General
Specifications
No.
Item
Performance
Test or Inspection Method
9
Resistance to solder heat
Completely soak both terminations in solder at
260±5ºC for 5±1s.
Preheating condition
Temp. : 150±10ºC
Time : 1 to 2min.
Flux : Isopropyl alcohol (JIS K 8839)
Rosin (JIS K 5902) 25% solid solution.
Solder : H63A (JIS Z 3282)
Leave the capacitor in ambient conditions for 24±2h
before measurement.
External
appearance
No cracks are allowed and terminations
shall be covered at least 60% with new
solder
Capacitance
D.F. (Class 2)
Meet the initial spec.
Insulation
Resistance
Meet the initial spec.
10
Vibration
Reflow solder the capacitor on a P.C. board (shown in
Appendix 1 and 2) before testing.
Vibrate the capacitor with amplitude of1.5mm P-P
sweeping the frequencies from 10Hz to 55Hz and back
to 10Hz in about 1 minute.
Repeat this for 2h each in 3 perpendicular directions
(6h in total).
External
appearance
No mechanical damage.
Capacitance
D.F. (Class 2)
Meet the initial spec.
11
Temperature cycle
Reflow solder the capacitors on a P.C. board (shown in
Appendix 1 and 2) before testing.
Expose the capacitor in the condition step1 through
step 4, and repeat 5 times consecutively.
Leave the capacitor in ambient conditions for 24±2h
before measurement.
External
appearance
No mechanical damage.
Capacitance
D.F. (Class 2)
Meet the initial spec.
Insulation
Resistance
Meet the initial spec.
Voltage Proof
No insulation breakdown or other
damage.
Characteristics Change from the
value before test
X7R
X7S
±
7.5 %
Characteristics Change from the
value before test
X7R
X7S
±
7.5 %
Characteristics Change from the
value before test
X7R
X7S
±
7.5 %
Step
Temperature (ºC)
Time (min.)
1
Min. operating temp. ±3
30 ± 3
2
Reference Temp.
2 – 5
3
Max. operating temp. ± 2
30 ± 2
4
Reference Temp.
2 - 5
CLL Series – ULI Capacitors


Similar Part No. - CLLE1AX7R0J684M

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLL CLAIREX-CLL Datasheet
198Kb / 4P
   Photo-IC Sensors Digital Output
logo
CITIZEN ELECTRONICS CO....
CLL012-0305A5-273M1A2 CITIZEN-CLL012-0305A5-273M1A2 Datasheet
445Kb / 12P
   This data sheet is applied to the LED package
CLL012-0305A5-50KL1A1 CITIZEN-CLL012-0305A5-50KL1A1 Datasheet
483Kb / 12P
   This data sheet is applied to the LED package
logo
Cree, Inc
CLL02 CREE-CLL02 Datasheet
1Mb / 9P
   Ronda series
CLL02 CREE-CLL02 Datasheet
1Mb / 9P
   Ronda series
More results

Similar Description - CLLE1AX7R0J684M

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-PZ123BA080MR-M909L28Y VINCOTECH-10-PZ123BA080MR-M909L28Y Datasheet
574Kb / 16P
   Ultra Low Inductance with integrated DC-capacitors
10-PZ12NMA027ME-M340F63Y VINCOTECH-10-PZ12NMA027ME-M340F63Y Datasheet
3Mb / 28P
   Ultra Low Inductance with Integrated DC-capacitors
10-PZ12NMA027MR-M340F68Y VINCOTECH-10-PZ12NMA027MR-M340F68Y Datasheet
668Kb / 6P
   Ultra Low Inductance with Integrated DC-capacitors
10-PZ123BA080ME-M909L18Y VINCOTECH-10-PZ123BA080ME-M909L18Y Datasheet
579Kb / 16P
   Ultra Low Inductance with integrated DC-capacitors
logo
International Rectifier
IRF6718L2PBF IRF-IRF6718L2PBF Datasheet
236Kb / 10P
   Ultra Low Package Inductance
IRF8304MPBF IRF-IRF8304MPBF_15 Datasheet
279Kb / 9P
   Ultra Low Package Inductance
IRF8327SPBF IRF-IRF8327SPBF_15 Datasheet
264Kb / 10P
   Ultra Low Package Inductance
IRF8301MPBF IRF-IRF8301MPBF_15 Datasheet
344Kb / 10P
   Ultra-low Package Inductance
IRF6710S2PBF IRF-IRF6710S2PBF Datasheet
307Kb / 10P
   Ultra Low Package Inductance
logo
AVX Corporation
0612YC105KAT2A AVX-0612YC105KAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com