Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLLE1AX7R1A104M Datasheet(PDF) 9 Page - TDK Electronics

Part # CLLE1AX7R1A104M
Description  Ultra Low Inductance Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CLLE1AX7R1A104M Datasheet(HTML) 9 Page - TDK Electronics

Back Button CLLE1AX7R1A104M Datasheet HTML 5Page - TDK Electronics CLLE1AX7R1A104M Datasheet HTML 6Page - TDK Electronics CLLE1AX7R1A104M Datasheet HTML 7Page - TDK Electronics CLLE1AX7R1A104M Datasheet HTML 8Page - TDK Electronics CLLE1AX7R1A104M Datasheet HTML 9Page - TDK Electronics CLLE1AX7R1A104M Datasheet HTML 10Page - TDK Electronics CLLE1AX7R1A104M Datasheet HTML 11Page - TDK Electronics CLLE1AX7R1A104M Datasheet HTML 12Page - TDK Electronics CLLE1AX7R1A104M Datasheet HTML 13Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TDK MLCC US Catalog
Version B11
Page 237
General
Specifications
Appendix - 1
P.C. Board for reliability test
Applied for CLLC1A
Material: Glass Epoxy ( As per JIS C6484 GE4 )
P.C. Board thickness: 0.8mm
Copper ( thickness 0.035mm )
Solder resist
1.5
2.5
3.0
41.25
50.0
41.25
50.0
4.0
0.4
0.6
0.6
0.8
0.8
1.1
1.1
0.19
Unit: mm
CLL Series – ULI Capacitors


Similar Part No. - CLLE1AX7R1A104M

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLL CLAIREX-CLL Datasheet
198Kb / 4P
   Photo-IC Sensors Digital Output
logo
CITIZEN ELECTRONICS CO....
CLL012-0305A5-273M1A2 CITIZEN-CLL012-0305A5-273M1A2 Datasheet
445Kb / 12P
   This data sheet is applied to the LED package
CLL012-0305A5-50KL1A1 CITIZEN-CLL012-0305A5-50KL1A1 Datasheet
483Kb / 12P
   This data sheet is applied to the LED package
logo
Cree, Inc
CLL02 CREE-CLL02 Datasheet
1Mb / 9P
   Ronda series
CLL02 CREE-CLL02 Datasheet
1Mb / 9P
   Ronda series
More results

Similar Description - CLLE1AX7R1A104M

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-PZ123BA080MR-M909L28Y VINCOTECH-10-PZ123BA080MR-M909L28Y Datasheet
574Kb / 16P
   Ultra Low Inductance with integrated DC-capacitors
10-PZ12NMA027ME-M340F63Y VINCOTECH-10-PZ12NMA027ME-M340F63Y Datasheet
3Mb / 28P
   Ultra Low Inductance with Integrated DC-capacitors
10-PZ12NMA027MR-M340F68Y VINCOTECH-10-PZ12NMA027MR-M340F68Y Datasheet
668Kb / 6P
   Ultra Low Inductance with Integrated DC-capacitors
10-PZ123BA080ME-M909L18Y VINCOTECH-10-PZ123BA080ME-M909L18Y Datasheet
579Kb / 16P
   Ultra Low Inductance with integrated DC-capacitors
logo
International Rectifier
IRF6718L2PBF IRF-IRF6718L2PBF Datasheet
236Kb / 10P
   Ultra Low Package Inductance
IRF8304MPBF IRF-IRF8304MPBF_15 Datasheet
279Kb / 9P
   Ultra Low Package Inductance
IRF8327SPBF IRF-IRF8327SPBF_15 Datasheet
264Kb / 10P
   Ultra Low Package Inductance
IRF8301MPBF IRF-IRF8301MPBF_15 Datasheet
344Kb / 10P
   Ultra-low Package Inductance
IRF6710S2PBF IRF-IRF6710S2PBF Datasheet
307Kb / 10P
   Ultra Low Package Inductance
logo
AVX Corporation
0612YC105KAT2A AVX-0612YC105KAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com