Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG1005S36NJ Datasheet(PDF) 4 Page - TDK Electronics

Part # MLG1005S36NJ
Description  Inductors for High Frequency
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG1005S36NJ Datasheet(HTML) 4 Page - TDK Electronics

  MLG1005S36NJ Datasheet HTML 1Page - TDK Electronics MLG1005S36NJ Datasheet HTML 2Page - TDK Electronics MLG1005S36NJ Datasheet HTML 3Page - TDK Electronics MLG1005S36NJ Datasheet HTML 4Page - TDK Electronics MLG1005S36NJ Datasheet HTML 5Page - TDK Electronics MLG1005S36NJ Datasheet HTML 6Page - TDK Electronics MLG1005S36NJ Datasheet HTML 7Page - TDK Electronics MLG1005S36NJ Datasheet HTML 8Page - TDK Electronics MLG1005S36NJ Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
(3/23)
INDUC
T
O
RS
001-01 / 20130531 / e521_mlg.fm
• All specifications are subject to change without notice.
Overview of the MLG Series
RECOMMENDED REFLOW PROFILE
Preheating
Soldering
Peak
Temp.
Time
Temp.
Time
Temp.
Time
T1
T2
t1
T3
t2
T4
t3
150°C
180°C
60 to 120s
230°C
30 to 60s
250 to 260°C
10s max.
Natural
cooling
t3
t1
Preheating
t2
Soldering
T3
T3
T4
T2
T1
t: Time
Peak


Similar Part No. - MLG1005S36NJ

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG1005S36NJT000 TDK-MLG1005S36NJT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S36NJT000 TDK-MLG1005S36NJT000 Datasheet
132Kb / 3P
   Inductors (Coils)
MLG1005S36NJT000 TDK-MLG1005S36NJT000_17 Datasheet
132Kb / 3P
   Inductors (Coils)
MLG1005S36NJTD25 TDK-MLG1005S36NJTD25 Datasheet
236Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG1005S36NJ

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLK1005S1N0S TDK-MLK1005S1N0S Datasheet
151Kb / 15P
   Inductors for High Frequency
NLV25T-101J-PF TDK-NLV25T-101J-PF Datasheet
334Kb / 43P
   Inductors for High Frequency Circuits
MLK1005S2N2ST TDK-MLK1005S2N2ST Datasheet
58Kb / 3P
   SMD Inductors For High Frequency
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
MLG0603P TDK-MLG0603P Datasheet
59Kb / 3P
   Inductors for High-frequency Circuits
logo
Taiyo Yuden (U.S.A.), I...
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16081N5S-T TAIYO-YUDEN-HK16081N5S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16082N2S-T TAIYO-YUDEN-HK16082N2S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK100512NJ-T TAIYO-YUDEN-HK100512NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK100556NJ-T TAIYO-YUDEN-HK100556NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com