Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS3800SL Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTS3800SL
Description  Smart Low Side Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3800SL Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS3800SL Datasheet HTML 3Page - Infineon Technologies AG BTS3800SL Datasheet HTML 4Page - Infineon Technologies AG BTS3800SL Datasheet HTML 5Page - Infineon Technologies AG BTS3800SL Datasheet HTML 6Page - Infineon Technologies AG BTS3800SL Datasheet HTML 7Page - Infineon Technologies AG BTS3800SL Datasheet HTML 8Page - Infineon Technologies AG BTS3800SL Datasheet HTML 9Page - Infineon Technologies AG BTS3800SL Datasheet HTML 10Page - Infineon Technologies AG BTS3800SL Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
HITFET - BTS3800SL
Smart low side power switch
General Product Characteristics
Datasheet
7
Rev. 1.1, 2011-04-30
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range.
Protection functions are not designed for continuous repetitive operation.
Absolute Maximum Ratings1)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol Limit Values Unit
Test Conditions
Min.
Max.
Voltages
4.1.1
Drain voltage
V
DS
–41
V
2)
2) Active clamped.
4.1.2
Drain voltage for short circuit protection
V
DS(SC)
–36
V
4.1.3
Input Voltage
V
IN
-0.3
5.5
V
4.1.4
Input Current
I
IN
self limited
-0.3 V <
V
IN < 5.5 V
-4
4
mA
5.5 V <
V
IN < 8.0 V
4.1.5
Maximum Drain Current
I
D
–0.75
A
3)
3) Current protection threshold see “Over Load Protection” on Page 13 for details.
Energies
4.1.6
Unclamped single pulse inductive energy
E
AS
–65
mJ
I
D = 350mA;
T
J(start) = 150 °C
4.1.7
Unclamped repetitive pulse inductive
energy 1
×104 cycles
E
AR
–14
mJ
I
D = 350mA;
V
bb = 18 V;
T
J(start) = 85 °C
4.1.8
Unclamped repetitive pulse inductive
energy 1
×106 cycles
–12
mJ
I
D = 350mA;
V
bb = 18V;
T
J(start) = 85°C
Temperatures
4.1.9
Operating temperature
T
J
-40
+150
°C–
4.1.10
Storage temperature
T
STG
-55
+150
°C–
ESD Susceptibility
4.1.11
ESD Resistivity
VESD
kV
HBM4)
4) ESD susceptibility, HBM according to EIA/JESD 22-A114.
All pins
-4
4
Drain vs. Source
-8
8


Similar Part No. - BTS3800SL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3018TC INFINEON-BTS3018TC Datasheet
1Mb / 22P
   18 mOhm single channel smart low side power switch for 12V & 24V Application
Rev. 1.0, 2015-02-11
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3028SDR INFINEON-BTS3028SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3035EJ INFINEON-BTS3035EJ Datasheet
1Mb / 45P
   Smart Low-Side Power Switch
Rev. 1.0 2016-09-12
BTS3035TF INFINEON-BTS3035TF Datasheet
1Mb / 39P
   Smart Low-Side Power Switch
Rev. 1.0 2016-06-01
More results

Similar Description - BTS3800SL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com