Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS3800SL Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS3800SL
Description  Smart Low Side Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3800SL Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS3800SL Datasheet HTML 1Page - Infineon Technologies AG BTS3800SL Datasheet HTML 2Page - Infineon Technologies AG BTS3800SL Datasheet HTML 3Page - Infineon Technologies AG BTS3800SL Datasheet HTML 4Page - Infineon Technologies AG BTS3800SL Datasheet HTML 5Page - Infineon Technologies AG BTS3800SL Datasheet HTML 6Page - Infineon Technologies AG BTS3800SL Datasheet HTML 7Page - Infineon Technologies AG BTS3800SL Datasheet HTML 8Page - Infineon Technologies AG BTS3800SL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PG-SCT595
Type
Package
Marking
BTS3800SL
PG-SCT595
38
Datasheet
3
Rev. 1.1, 2011-04-30
HITFET - BTS3800SL
Smart low side power switch
BTS3800SL
1Overview
Features
Short circuit and over load protection
Thermal shutdown with latch behavior
ESD protection
Over voltage protection
Logic level input suitable for 5V and 3.3V
Small footprint automotive power package
Green Product (RoHS compliant)
AEC Qualified
Description
The BTS3800SL is a single channel Low Side power switch with embedded protective functions in PG-SCT595
package. The device is monolithically integrated with a N channel power MOSFET and additional protection
functions.
The BTS3800SL is especially designed as a protected relay driver in automotive and industrial applications.
Table 1
Product Summary
Drain voltage1)
1) Active clamped
V
DS
41 V
Maximum Input Voltage
V
IN
5.5 V
Maximum On resistance at 150°C and 5V input voltage
R
DS(ON)
1.6
Ω
Typical On-State resistance at 25°C and 5V input voltage
R
DS(ON)
0.8
Ω
Nominal load current
I
D(nom)
350 mA
Minimum Current threshold level
ID(OVL)
0.75 A
Single Clamping Energy
E
AS
65 mJ


Similar Part No. - BTS3800SL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3018TC INFINEON-BTS3018TC Datasheet
1Mb / 22P
   18 mOhm single channel smart low side power switch for 12V & 24V Application
Rev. 1.0, 2015-02-11
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3028SDR INFINEON-BTS3028SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3035EJ INFINEON-BTS3035EJ Datasheet
1Mb / 45P
   Smart Low-Side Power Switch
Rev. 1.0 2016-09-12
BTS3035TF INFINEON-BTS3035TF Datasheet
1Mb / 39P
   Smart Low-Side Power Switch
Rev. 1.0 2016-06-01
More results

Similar Description - BTS3800SL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com