Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSP324L6327 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSP324L6327
Description  SIPMOS??Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP324L6327 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSP324L6327 Datasheet HTML 1Page - Infineon Technologies AG BSP324L6327 Datasheet HTML 2Page - Infineon Technologies AG BSP324L6327 Datasheet HTML 3Page - Infineon Technologies AG BSP324L6327 Datasheet HTML 4Page - Infineon Technologies AG BSP324L6327 Datasheet HTML 5Page - Infineon Technologies AG BSP324L6327 Datasheet HTML 6Page - Infineon Technologies AG BSP324L6327 Datasheet HTML 7Page - Infineon Technologies AG BSP324L6327 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
200
9-08-18
Page 2
Rev. 2.
1
BSP324
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Thermal resistance, junction - soldering point
(Pin 4)
RthJS
-
16
25
K/W
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area 1)
RthJA
-
-
85
45
115
70
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain-source breakdown voltage
VGS=0, ID=250µA
V(BR)DSS
400
-
-
V
Gate threshold voltage, VGS = VDS
ID=94µA
VGS(th)
1.3
1.9
2.3
Zero gate voltage drain current
VDS=400V, VGS=0, Tj=25°C
VDS=400V, VGS=0, Tj=125°C
IDSS
-
-
0.01
-
0.1
10
µA
Gate-source leakage current
VGS=20V, VDS=0
IGSS
-
10
100
nA
Drain-source on-state resistance
VGS=4.5V, ID=0.05A
RDS(on)
-
14.3
22
Drain-source on-state resistance
VGS=10V, ID=0.17A
RDS(on)
-
13.6
25
1Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (single layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.


Similar Part No. - BSP324L6327

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP324 SIEMENS-BSP324 Datasheet
176Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode)
logo
Infineon Technologies A...
BSP324 INFINEON-BSP324 Datasheet
108Kb / 8P
   SIPMOS Power-Transistor
2003-02-21
BSP324 INFINEON-BSP324 Datasheet
544Kb / 8P
   SIPMOS Power-Transistor
2009-08-18
BSP324 INFINEON-BSP324_09 Datasheet
544Kb / 8P
   SIPMOS Power-Transistor
2009-08-18
More results

Similar Description - BSP324L6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com