Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF15030 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MRF15030
Description  RF POWER TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF15030 Datasheet(HTML) 5 Page - Motorola, Inc

  MRF15030 Datasheet HTML 1Page - Motorola, Inc MRF15030 Datasheet HTML 2Page - Motorola, Inc MRF15030 Datasheet HTML 3Page - Motorola, Inc MRF15030 Datasheet HTML 4Page - Motorola, Inc MRF15030 Datasheet HTML 5Page - Motorola, Inc MRF15030 Datasheet HTML 6Page - Motorola, Inc MRF15030 Datasheet HTML 7Page - Motorola, Inc MRF15030 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
MRF15030
MOTOROLA RF DEVICE DATA
Table 1. Small Signal S Parameters at VCE = 24 Vdc, IC = 2.5 Adc
f
S11
S21
S12
S22
MHz
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
1000
1050
1100
1150
1200
1250
1300
1350
1400
1450
1500
1550
1600
1650
1700
1750
1800
1850
1900
1950
2000
0.983
0.984
0.978
0.975
0.975
0.969
0.963
0.955
0.945
0.933
0.915
0.889
0.856
0.833
0.820
0.839
0.872
0.909
0.937
0.957
0.970
173
172
172
171
171
170
169
169
168
167
166
166
166
168
171
174
175
176
175
174
173
0.366
0.367
0.367
0.373
0.382
0.391
0.408
0.428
0.452
0.487
0.525
0.572
0.618
0.654
0.654
0.600
0.517
0.435
0.357
0.296
0.247
49
46
43
40
36
33
29
25
20
13
6
–3
–16
–30
–48
–66
–81
–94
–104
–112
–119
0.006
0.007
0.007
0.007
0.008
0.007
0.008
0.009
0.008
0.009
0.009
0.009
0.009
0.010
0.010
0.010
0.010
0.010
0.011
0.012
0.012
36
33
33
30
31
27
21
20
7
1
–8
–18
–35
–54
–86
–120
–152
–176
159
148
136
0.890
0.893
0.888
0.885
0.886
0.881
0.879
0.879
0.873
0.875
0.875
0.877
0.887
0.901
0.918
0.930
0.932
0.925
0.924
0.917
0.915
178
178
178
178
177
177
177
177
177
178
178
178
178
178
178
177
176
174
173
173
173
N1
RF Input
Figure 12. Class AB Broadband Test Fixture Electrical Schematic
B1, B4
Long Bead, Fair Rite
B2, B3
Short Bead, Fair Rite
C1
0.3 pF, B Case Chip Capacitor, ATC
C2
220
µF, Electrolytic Capacitor, Mallory
C3, C14
0.1
µF, Chip Capacitor, Kemit
C4, C8
0.8 to 8 pF, Variable Capacitor, Johanson
C5, C11
1800 pF, Chip Capacitor, Kemit
C6, C12
18 pF, B Case Chip Capacitor, ATC
C7, C10
51 pF, Chip Capacitor, Murata Erie
C9
1.7 pF, B Case Chip Capacitor, ATC
C13
470
µF, Electrolytic Capacitor, Mallory
D1
Surface Mount Diode, Motorola
D2
Light Emitting Diode, Industrial Devices
L1, L2
3 Turn, 20 AWG, 0.126
″ ID Choke
N1, N2
Type N Flange Mount RF Connector, Omni Spectra
Q1
Transistor PNP Motorola (BD136)
Q2, Q3
Surface Mount Transistor, NPN, Motorola (MJD47)
R1
2 x 330
Ω, 1/8 Watt Chip Resistors in Parallel, Rohm
R2
100
Ω, 1/8 Watt, Chip Resistor, Rohm
R3, R6
4 x 38
Ω, 1/8 Watt, Chip Resistors in Parallel, Rohm
R4
39
Ω, 1/8 Watt, Chip Resistor, Rohm
R5
22 K
Ω, 1/8 Watt, Chip Resistor, Rohm
Board
Glass Teflon®, Arlon GX–0300–55–22,
εr = 2.55
N2
RF Output
VCC
R6
B4
C14
C13
C11
C12
C9
C8
L2
B3
C10
DUT
R5
D2
Q3
R4
C7
C6
C4
C1
+
Q2
B2
L1
C5
B1
R3
R2
C3
C2
Q1
D1
R1
Vbias
+


Similar Part No. - MRF15030

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF150 MOTOROLA-MRF150 Datasheet
148Kb / 6P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
Tyco Electronics
MRF150 MACOM-MRF150 Datasheet
183Kb / 8P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
   RF Power FET 150W, to 150MHz, 50V
logo
Advanced Semiconductor
MRF150 ASI-MRF150 Datasheet
19Kb / 1P
   SILICON RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
   RF Power FET 150W, to 150MHz, 50V
More results

Similar Description - MRF15030

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AM0912-300 ASI-AM0912-300 Datasheet
36Kb / 2P
   RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6080 NJSEMI-2N6080 Datasheet
239Kb / 2P
   RF POWER TRANSISTOR
logo
Motorola, Inc
MRF412 MOTOROLA-MRF412 Datasheet
149Kb / 4P
   RF POWER TRANSISTOR
logo
Advanced Semiconductor
AM0912-080 ASI-AM0912-080 Datasheet
101Kb / 2P
   RF POWER TRANSISTOR
logo
Motorola, Inc
MRF20030 MOTOROLA-MRF20030 Datasheet
111Kb / 10P
   RF POWER TRANSISTOR
MRF848 MOTOROLA-MRF848 Datasheet
107Kb / 3P
   RF POWER TRANSISTOR
logo
Advanced Semiconductor
TAN250A ASI-TAN250A Datasheet
23Kb / 1P
   RF POWER TRANSISTOR
logo
Motorola, Inc
MRF15090 MOTOROLA-MRF15090 Datasheet
210Kb / 8P
   RF POWER TRANSISTOR
logo
Mitsubishi Electric Sem...
2SC2312 MITSUBISHI-2SC2312 Datasheet
93Kb / 2P
   RF POWER TRANSISTOR
logo
Advanced Semiconductor
SRF1136 ASI-SRF1136 Datasheet
22Kb / 1P
   NPN RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com