Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62256LL-70SNXCT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62256LL-70SNXCT
Description  256K (32K x 8) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256LL-70SNXCT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62256LL-70SNXCT Datasheet HTML 5Page - Cypress Semiconductor CY62256LL-70SNXCT Datasheet HTML 6Page - Cypress Semiconductor CY62256LL-70SNXCT Datasheet HTML 7Page - Cypress Semiconductor CY62256LL-70SNXCT Datasheet HTML 8Page - Cypress Semiconductor CY62256LL-70SNXCT Datasheet HTML 9Page - Cypress Semiconductor CY62256LL-70SNXCT Datasheet HTML 10Page - Cypress Semiconductor CY62256LL-70SNXCT Datasheet HTML 11Page - Cypress Semiconductor CY62256LL-70SNXCT Datasheet HTML 12Page - Cypress Semiconductor CY62256LL-70SNXCT Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CY62256
Document #: 38-05248 Rev. *E
Page 9 of 13
Typical DC and AC Characteristics (continued)
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1.0
2.0
3.0
4.0
SUPPLY VOLTAGE (V)
TYPICAL POWER-ON CURRENT
vs. SUPPLY VOLTAGE
30.0
25.0
20.0
15.0
10.0
5.0
0
200
400
600
800
CAPACITANCE (pF)
TYPICAL ACCESS TIME CHANGE
vs. OUTPUT LOADING
1.25
1.00
0.75
10
20
30
40
CYCLE FREQUENCY (MHz)
0.0
5.0
0.0
1000
0.50
VCC = 4.5V
TA = 25°C
VCC =5.0V
TA = 2 5°C
VIN = 0.5V
NORMALIZED ICC vs. CYCLE TIME
Truth Table
CE
WE
OE
Inputs/Outputs
Mode
Power
H
X
X
High-Z
Deselect/Power-down
Standby (ISB)
L
H
L
Data Out
Read
Active (ICC)
L
L
X
Data In
Write
Active (ICC)
L
H
H
High-Z
Output Disabled
Active (ICC)


Similar Part No. - CY62256LL-70SNXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256LL-70SNXC CYPRESS-CY62256LL-70SNXC Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results

Similar Description - CY62256LL-70SNXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com