Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD6N25 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FQD6N25
Description  250V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD6N25 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FQD6N25 Datasheet HTML 1Page - Fairchild Semiconductor FQD6N25 Datasheet HTML 2Page - Fairchild Semiconductor FQD6N25 Datasheet HTML 3Page - Fairchild Semiconductor FQD6N25 Datasheet HTML 4Page - Fairchild Semiconductor FQD6N25 Datasheet HTML 5Page - Fairchild Semiconductor FQD6N25 Datasheet HTML 6Page - Fairchild Semiconductor FQD6N25 Datasheet HTML 7Page - Fairchild Semiconductor FQD6N25 Datasheet HTML 8Page - Fairchild Semiconductor FQD6N25 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
  

   
6.60
±0.20
2.30
±0.10
0.50
±0.10
5.34
±0.30
0.76
±0.10
0.50
±0.10
1.02
±0.20
2.30
±0.20
6.60
±0.20
0.76
±0.10
(5.34)
(1.50)
(2XR0.25)
(5.04)
2.30TYP
[2.30
±0.20]
2.30TYP
[2.30
±0.20]
MAX0.96
(4.34)
(0.50)
(0.50)



Similar Part No. - FQD6N25

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQD6N25 ISC-FQD6N25 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
logo
Fairchild Semiconductor
FQD6N25TM FAIRCHILD-FQD6N25TM Datasheet
859Kb / 8P
   N-Channel QFET MOSFET 250 V, 4.4 A, 1.0
FQD6N25 FAIRCHILD-FQD6N25_08 Datasheet
804Kb / 9P
   250V N-Channel MOSFET
More results

Similar Description - FQD6N25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com