Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C261-20JC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C261-20JC
Description  8K x 8 Power-Switched and Reprogrammable PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C261-20JC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C261-20JC Datasheet HTML 1Page - Cypress Semiconductor CY7C261-20JC Datasheet HTML 2Page - Cypress Semiconductor CY7C261-20JC Datasheet HTML 3Page - Cypress Semiconductor CY7C261-20JC Datasheet HTML 4Page - Cypress Semiconductor CY7C261-20JC Datasheet HTML 5Page - Cypress Semiconductor CY7C261-20JC Datasheet HTML 6Page - Cypress Semiconductor CY7C261-20JC Datasheet HTML 7Page - Cypress Semiconductor CY7C261-20JC Datasheet HTML 8Page - Cypress Semiconductor CY7C261-20JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CY7C261
CY7C263/CY7C264
Document #: 38-04010 Rev. **
Page 2 of 16
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperatures .................................–65
°C to+150°C
Ambient Temperature with
Power Applied..............................................–55
°C to+125°C
Supply Voltage to Ground Potential
(Pin 24 to Pin 12) ............................................ –0.5V to+7.0V
DC Voltage Applied to Outputs
in High Z State ................................................ –0.5V to+7.0V
DC Input Voltage........................................... –3.0V to + 7.0V
DC Program Voltage
(Pin 19 DIP, Pin 23 LCC) ..............................................13.0V
Static Discharge Voltage............................................>2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
UV Exposure ................................................ 7258 Wsec/cm2
Selection Guide
7C261-20
7C263-20
7C264-20
7C261-25
7C263-25
7C264-25
7C261-35
7C263-35
7C264-35
7C261-45
7C263-45
7C264-45
7C261-55
7C263-55
7C264-55
Maximum Access Time (ns)
20
25
35
45
55
Maximum Operating
Current (mA)
Commercial
120
120
100
100
100
Military
140
120
120
120
Maximum Standby
Current (mA)
(7C261 only)
Commercial
40
40
30
30
30
Military
40
30
30
30
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to + 70°C
5V
± 10%
Industrial[1]
–40
°C to + 85°C
5V
± 10%
Military[2]
–55
°C to + 125°C
5V
± 10%
Notes:
1.
See the Ordering Information section regarding industrial temperature
range specification.
2.
TA is the “instant on” case temperature.


Similar Part No. - CY7C261-20JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C261-20PC CYPRESS-CY7C261-20PC Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C261-20PC CYPRESS-CY7C261-20PC Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C261-20WC CYPRESS-CY7C261-20WC Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C261-20WC CYPRESS-CY7C261-20WC Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
More results

Similar Description - CY7C261-20JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C261 CYPRESS-CY7C261 Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C261 CYPRESS-CY7C261_06 Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271 CYPRESS-CY7C271_06 Datasheet
380Kb / 13P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271A CYPRESS-CY7C271A Datasheet
167Kb / 10P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266_06 Datasheet
412Kb / 12P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266 Datasheet
261Kb / 11P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com