Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199D-10VXIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C199D-10VXIT
Description  256 K (32 K 횞 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199D-10VXIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C199D-10VXIT Datasheet HTML 1Page - Cypress Semiconductor CY7C199D-10VXIT Datasheet HTML 2Page - Cypress Semiconductor CY7C199D-10VXIT Datasheet HTML 3Page - Cypress Semiconductor CY7C199D-10VXIT Datasheet HTML 4Page - Cypress Semiconductor CY7C199D-10VXIT Datasheet HTML 5Page - Cypress Semiconductor CY7C199D-10VXIT Datasheet HTML 6Page - Cypress Semiconductor CY7C199D-10VXIT Datasheet HTML 7Page - Cypress Semiconductor CY7C199D-10VXIT Datasheet HTML 8Page - Cypress Semiconductor CY7C199D-10VXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CY7C199D
Document Number: 38-05471 Rev. *I
Page 3 of 14
Pin Configuration
Figure 1. 28-pin SOJ (Top View)
Figure 2. 28-pin TSOP I (Top View)
Selection Guide
Description
-10 (Industrial)
Unit
Maximum access time
10
ns
Maximum operating current
80
mA
Maximum CMOS standby current
3mA
22
23
24
25
26
27
28
1
2
4
7
8
9
13
12
11
10
14
17
16
15
5
6
18
21
20
19
A0
CE
I/O7
OE
A1
A2
A3
A4
I/O6
I/O5
I/O4
WE
VCC
A5
A6
A7
A10
A11
A12
A13
I/O1
I/O2
GND
I/O3
A8
A14
I/O0
A9
3
TSOP I
Top View
(not to scale)
1
2
3
4
5
6
7
8
9
11
14
15
16
20
19
18
17
21
24
23
22
12
13
25
28
27
26
VCC
WE
A4
A5
A6
A7
A8
A9
A3
A2
A1
A10
A11
A12
A13
A14
I/O2
GND
I/O3
I/O4
I/O7
CE
A0
OE
I/O0
I/O5
I/O6
I/O1
10
[+] Feedback


Similar Part No. - CY7C199D-10VXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199D-10VXI CYPRESS-CY7C199D-10VXI Datasheet
931Kb / 10P
   256K (32K x 8) Static RAM
CY7C199D-10VXI CYPRESS-CY7C199D-10VXI Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D-10VXI CYPRESS-CY7C199D-10VXI Datasheet
476Kb / 14P
   256 K (32 K x 8) Static RAM Automatic power-down when deselected
More results

Similar Description - CY7C199D-10VXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY62256EV18 CYPRESS-CY62256EV18 Datasheet
269Kb / 14P
   256-Kbit (32 K 횞 8) Static RAM
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
logo
Fujitsu Component Limit...
MB85R256F FUJITSU-MB85R256F Datasheet
413Kb / 36P
   256 K (32 K 횞 8) ?볝긿?
logo
Cypress Semiconductor
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY62138EV30 CYPRESS-CY62138EV30_12 Datasheet
494Kb / 16P
   2-Mbit (256 K 횞 8) MoBL Static RAM
logo
Fujitsu Component Limit...
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
   256 K (32 K 횞 8) Bit SPI
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com