Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3490EN-L Datasheet(PDF) 9 Page - Exar Corporation

Part # SP3490EN-L
Description  3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3490EN-L Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP3490EN-L Datasheet HTML 4Page - Exar Corporation SP3490EN-L Datasheet HTML 5Page - Exar Corporation SP3490EN-L Datasheet HTML 6Page - Exar Corporation SP3490EN-L Datasheet HTML 7Page - Exar Corporation SP3490EN-L Datasheet HTML 8Page - Exar Corporation SP3490EN-L Datasheet HTML 9Page - Exar Corporation SP3490EN-L Datasheet HTML 10Page - Exar Corporation SP3490EN-L Datasheet HTML 11Page - Exar Corporation SP3490EN-L Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP3490_349_02_0270
The
SP3490 and SP3491 are two members
in the family of +3.3V low power full-du-
plex transceivers that meet the electrical
specifications of the RS-485 and RS-422
serial protocols. These devices are pin-to-
pin compatible with the
Exar SP490 and
SP49 devices as well as popular industry
standards.The
SP3490andSP3491feature
Exar'sBiCMOSprocessallowinglowpower
operation without sacrificing performance.
The RS-485 standard is ideal for multi-drop
applicationsandforlong-distanceinterfaces.
RS-485allowsupto32driversand32receiv-
ers to be connected to a data bus, making it
an ideal choice for multi-drop applications.
Since the cabling can be as long as 4,000
feet, RS-485 transceivers are equipped with
a wide (-7V to +2V) common mode range
to accommodate ground potential differ-
ences. Because RS-485 is a differential
interface, data is virtually immune to noise
in the transmission line.
Drivers
Thedriversforboththe
SP3490andSP3491
have differential outputs. The typical voltage
outputswingwithnoloadwillbe0voltstoVcc.
With worst case loading of 54Ω across the
differential outputs, the drivers can maintain
greater than .5V voltage levels.
The driver of the
SP3491 has a driver en-
able control line which is active HIGH. A
logic HIGH on DE (pin 4) of the
SP3491
will enable the differential driver outputs. A
logic LOW on the DE(pin 4) will tri-state the
driver outputs. The
SP3490 does not have
a driver enable.
Receivers
The receivers of the
SP3490 and SP3491
have differential inputs with an input sensi-
tivity of ±200mV. Input impedance of the
receivers is typically 15kΩ (12kΩ minimum).
A wide common mode range of -7V to +2V
allows for large ground potential differences
betweensystems. The receiversforboththe
SP3490 and SP3491 are equipped with a
fail-safe feature that guarantees the receiver
output will be in a HIGH state when the input
is left unconnected.
The receiver of the
SP3491 has a enable
control line which is active LOW. A logic
LOW on REB (pin 3) of the
SP3491 will en-
able the differential receiver. A logic HIGH
on REB (pin 3) of the
SP3491 will tri-state
the receiver.
DESCRIPTION


Similar Part No. - SP3490EN-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3490EN-L-TR EXAR-SP3490EN-L-TR Datasheet
776Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490EN-LSP3490EN-L/TR EXAR-SP3490EN-LSP3490EN-L/TR Datasheet
776Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
More results

Similar Description - SP3490EN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3490 SIPEX-SP3490 Datasheet
124Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3490 EXAR-SP3490 Datasheet
776Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490EN-L-TR EXAR-SP3490EN-L-TR Datasheet
776Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Sipex Corporation
SP3490 SIPEX-SP3490 Datasheet
141Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3481 SIPEX-SP3481 Datasheet
156Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3481 SIPEX-SP3481 Datasheet
125Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3485EN-L EXAR-SP3485EN-L Datasheet
544Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceiver with 10Mbps Data Rate
logo
Analog Devices
ADM489ARZ-REEL7 AD-ADM489ARZ-REEL7 Datasheet
386Kb / 16P
   Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. D
ADM488 AD-ADM488 Datasheet
212Kb / 12P
   Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. 0
ADM488A AD-ADM488A_V01 Datasheet
304Kb / 16P
   Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com