Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H561638N-LCB3T00 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K4H561638N-LCB3T00
Description  N-die DDR SDRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H561638N-LCB3T00 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K4H561638N-LCB3T00 Datasheet HTML 4Page - Samsung semiconductor K4H561638N-LCB3T00 Datasheet HTML 5Page - Samsung semiconductor K4H561638N-LCB3T00 Datasheet HTML 6Page - Samsung semiconductor K4H561638N-LCB3T00 Datasheet HTML 7Page - Samsung semiconductor K4H561638N-LCB3T00 Datasheet HTML 8Page - Samsung semiconductor K4H561638N-LCB3T00 Datasheet HTML 9Page - Samsung semiconductor K4H561638N-LCB3T00 Datasheet HTML 10Page - Samsung semiconductor K4H561638N-LCB3T00 Datasheet HTML 11Page - Samsung semiconductor K4H561638N-LCB3T00 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
- 8 -
K4H561638N
datasheet
DDR SDRAM
Rev. 1.01
K4H560838N
K4H560438N
7. Input/Output Function Description
SYMBOL
TYPE
DESCRIPTION
CK, CK
Input
Clock : CK and CK are differential clock inputs. All address and control input signals are sampled on the
positive edge of CK and negative edge of CK. Output (read) data is referenced to both edges of CK. Inter-
nal clock signals are derived from CK/CK.
CKE
Input
Clock Enable : CKE HIGH activates, and CKE LOW deactivates internal clock signals, and device input buf-
fers and output drivers. Taking CKE Low provides PRECHARGE POWER-DOWN and SELF REFRESH
operation (all banks idle), or ACTIVE POWER-DOWN (row ACTIVE in any bank). CKE is synchronous for
POWER-DOWN entry and exit, and for SELF REFRESH entry. CKE is asynchronous for SELF REFRESH
exit, and for output disable. CKE must be maintained high throughput READ and WRITE accesses. Input
buffers, excluding CK, CK and CKE are disabled during POWER-DOWN. Input buffers, excluding CKE are
disabled during SELF REFRESH. CKE is an SSTL_2 input, but will detect an LVCMOS Low level after VDD
is applied upon 1st power up, After VREF has become stable during the power on and initialization
sequence, it must be maintained for proper operation of the CKE receiver. For proper SELF-REFRESH
entry and exit, VREF must be maintained to this input.
CS
Input
Chip Select : CS enables(registered LOW) and disables(registered HIGH) the command decoder. All com-
mands are masked when CS is registered HIGH. CS provides for external bank selection on systems with
multiple banks. CS is considered part of the command code.
RAS, CAS, WE
Input
Command Inputs : RAS, CAS and WE (along with CS) define the command being entered.
LDM,(UDM)
Input
Input Data Mask : DM is an input mask signal for write data. Input data is masked when DM is sampled
HIGH along with that input data during a WRITE access. DM is sampled on both edges of DQS. Although
DM pins are input only, the DM loading matches the DQ and DQS loading. For the x16, LDM corresponds
to the data on DQ0~D7 ; UDM corresponds to the data on DQ8~DQ15. DM may be driven high, low, or
floating during READs.
BA0, BA1
Input
Bank Addres Inputs : BA0 and BA1 define to which bank an ACTIVE, READ, WRITE or PRECHARGE
command is being applied.
A [0 : 12]
Input
Address Inputs : Provide the row address for ACTIVE commands, and the column address and AUTO
PRECHARGE bit for READ/WRITE commands, to select one location out of the memory array in the
respective bank. A10 is sampled during a PRECHARGE command to determine whether the PRECHARGE
applies to one bank (A10 LOW) or all banks (A10 HIGH). If only one bank is to be precharged, the bank is
selected by BA0, BA1. The address inputs also provide the op-code during a MODE REGISTER SET com-
mand. BA0 and BA1 define which mode register is loaded during the MODE REGISTER SET command
(MRS or EMRS).
DQ
I/O
Data Input/Output : Data bus
LDQS,(U)DQS
I/O
Data Strobe : Output with read data, input with write data. Edge-aligned with read data, centered in write
data. Used to capture write data. For the x16, LDQS corresponds to the data on
DQ0~D7 ; UDQS corresponds to the data on DQ8~DQ15.
LDQS is NC on x4 and x8.
NC
-
No Connect : No internal electrical connection is present.
VDDQ
Supply
DQ Power Supply : +2.5V ± 0.2V.
VSSQ
Supply
DQ Ground.
VDD
Supply
Power Supply : +2.5V ± 0.2V.
VSS
Supply
Ground.
VREF
Input
SSTL_2 reference voltage.


Similar Part No. - K4H561638N-LCB3T00

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H561638N SAMSUNG-K4H561638N Datasheet
542Kb / 15P
   Consumer Memory
More results

Similar Description - K4H561638N-LCB3T00

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638B-G SAMSUNG-K4H511638B-G Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510438F SAMSUNG-K4H510438F Datasheet
367Kb / 24P
   512Mb F-die DDR SDRAM Specification
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H1G0438M SAMSUNG-K4H1G0438M Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification
K4H561638H SAMSUNG-K4H561638H Datasheet
416Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H510438 SAMSUNG-K4H510438 Datasheet
332Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H560438H SAMSUNG-K4H560438H Datasheet
367Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H511638C-Z SAMSUNG-K4H511638C-Z Datasheet
391Kb / 24P
   512Mb C-die DDR SDRAM Specification
K4H560438J SAMSUNG-K4H560438J Datasheet
364Kb / 24P
   256Mb J-die DDR SDRAM Specification
K4H511638 SAMSUNG-K4H511638 Datasheet
212Kb / 24P
   512Mb C-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com