Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL21C150JBANNNC Datasheet(PDF) 26 Page - Samsung semiconductor

Part # CL21C150JBANNNC
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL21C150JBANNNC Datasheet(HTML) 26 Page - Samsung semiconductor

Back Button CL21C150JBANNNC Datasheet HTML 22Page - Samsung semiconductor CL21C150JBANNNC Datasheet HTML 23Page - Samsung semiconductor CL21C150JBANNNC Datasheet HTML 24Page - Samsung semiconductor CL21C150JBANNNC Datasheet HTML 25Page - Samsung semiconductor CL21C150JBANNNC Datasheet HTML 26Page - Samsung semiconductor CL21C150JBANNNC Datasheet HTML 27Page - Samsung semiconductor CL21C150JBANNNC Datasheet HTML 28Page - Samsung semiconductor CL21C150JBANNNC Datasheet HTML 29Page - Samsung semiconductor CL21C150JBANNNC Datasheet HTML 30Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 25 -
NO
ITEM
PERFORMANCE
TEST CONDITION
16
HIGH
TEMPERATURE
RESISTANCE
APPEARANCE
NO MECHANICAL DAMAGE SHALL OCCUR
APPLIED VOLTAGE :
150%, 200% OF RATED VOLTAGE
TEST TIME : 1000 +48/-0 Hr.
CURRENT APPLIED : 50㎃ MAX.
<INITIAL MEASUREMENT>
CLASS Ⅱ SHOULD BE MEASURED INITIAL
VALUE AFTER BE HEAT-TREATED FOR 1
HR IN 150℃+0/-10℃ AND BE LEFT FOR 48±
4HR AT ROOM TEMPERATURE.
<LATTER MEASUREMENT>
CLASSⅠ SHOULD BE MEASURED AFTER
LEFT FOR 24±2 HRS IN ROOM
TEMPERATURE AND HUMIDITY.
CLASS Ⅱ SHOULD BE MEASURED LATTER
VALUE AFTER BE HEAT-TREATED FOR 1
HR IN 150℃+0/-10℃ AND BE LEFT FOR 48±
4HR AT ROOM TEMPERATURE.
(TWICE OF RATED VOLTAGE WILL BE
APPLIED TO ALL SERIES BUT ABOVE)
** HOWEVER, A/B는1005 C ≥0.22㎌
SEE (FIG.3)
CAPACITANCE
CHARACTERISTIC
CAP. CHANGE
CLASS Ⅰ
WITHIN ±3% OR ±0.3㎊,
WHICHEVER IS LARGER
CLASS
A,B
WITHIN ±12.5%
F
WITHIN ±30%
WITHIN+30~40%
1005 C>0.47μF
1608 C>1.0μF
2012 C>4.7μF
3216 C>10.0μF
3225 C>22.0μF
4532 C>47.0μF
Q
CLASSⅠ
30㎊ AND OVER : Q ≥ 350
10 ~ 30 ㎊
:Q ≥ 275 + 2.5×C
LESS THAN 10㎊ :Q ≥200 + 10×C
Tanδ
CLASSⅡ
INSULATION
RESISTANCE
MINIMUM INSULATION RESISTANCE:
1,000 ㏁ OR 50㏁∙㎌ PRODUCT
WHICHEVER IS SMALLER
17
TEMPERATURE
CYCLE
APPEARANCE
NO MECHANICAL DAMAGE SHALL OCCUR
CAPACITORS SHALL BE SUBJECTED
TO FIVE CYCLES OF THE
TEMPERATURE CYCLE AS FOLLOWING
STEP
TEMP.(℃)
TIME(MIN)
1
MIN.RATED
TEMP.+0/-3
30
2
25
2~3
3
MAX.RATED
TEMP.+3/-0
30
4
25
2~3
MEASURE AT ROOM TEMPERATURE
AFTER COOLING FOR
CLASSⅠ :24±2Hr.
CLASSⅡ :48±4Hr.
CAPACITANCE
CHARACTERISTIC
CAP. CHANGE
CLASS Ⅰ
WITHIN ±2.5%
OR ±0.25㎊ WHICHEVER IS
LARGER
CLASS
A,B
WITHIN ±7.5%
F
WITHIN ±20%
Q
CLASSⅠ
30 ㎊ AND OVER : Q ≥ 1000
LESS THAN 30㎊:Q ≥400 +20×C
Tanδ
CLASSⅡ
TO SATISFY THE SPECIFIED
INITIAL VALUE
INSULATION
RESISTANCE
TO SATISFY THE SPECIFIED
INITIAL VALUE
CHAR.
25V
AND
OVER
16V
10V
6.3V
4V
A,B
0.05
MAX
0.05
MAX
0.05
MAX
0.075
MAX
0.1
MAX
F
0.075
MAX
0.1MAX
(C<1.0㎌)
0.125MAX
(C≥1.0㎌)
0.15
MAX
0.195
MAX
0.25
MAX
CHAR.
TEMP.
CLASS Ⅰ
125 ±3 ℃
CLASS
A
85 ±3 ℃
B
125 ±3 ℃
F
85 ±3 ℃
*150% Authorization Conditions
CLASSⅡ
(A,B,F)
1005 C>0.47μF
1608 C ≥2.2㎌
2012 C ≥4.7㎌
3216 C ≥10.0㎌
3225 C ≥22.0㎌
4532 C ≥47.0㎌
5750 C ≥100.0㎌


Similar Part No. - CL21C150JBANNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C150JBANNN SAMSUNG-CL21C150JBANNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
More results

Similar Description - CL21C150JBANNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com