Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIG10W4R7MNC Datasheet(PDF) 2 Page - Samsung semiconductor

Part # CIG10W4R7MNC
Description  Multilayer Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIG10W4R7MNC Datasheet(HTML) 2 Page - Samsung semiconductor

  CIG10W4R7MNC Datasheet HTML 1Page - Samsung semiconductor CIG10W4R7MNC Datasheet HTML 2Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver. 201207
CI
G
10
W
2R2
M
N
C
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(1) Chip Inductor
(2) Power Inductor
(3) Dimension
(4) Product Series (W:Normal Type)
(5) Inductance (R47:0.47uH, 2R2:2.2uH)
(6) Tolerance (M:±20%)
(7) Thickness option(N:Standard, A:Thinner than standard, B:Thicker than standard)
(8) Packaging(C:paper tape, E:embossed tape)
■ NOTICE :All specifications are subject to change without previous notice. Please contact with
product representatives or engineers to check specifications.
PACKAGING
Packaging Style
Quantity(pcs/reel)
Card Board Taping
4,000
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
FLOW SOLDERING
PRODUCT IDENTIFICATION


Similar Part No. - CIG10W4R7MNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIG10F1R0MNC SAMSUNG-CIG10F1R0MNC Datasheet
834Kb / 6P
   Power Inductor; CIG Series
CIG10F1R5MNC SAMSUNG-CIG10F1R5MNC Datasheet
834Kb / 6P
   Power Inductor; CIG Series
CIG10F2R2MNC SAMSUNG-CIG10F2R2MNC Datasheet
834Kb / 6P
   Power Inductor; CIG Series
CIG10FR47MNC SAMSUNG-CIG10FR47MNC Datasheet
834Kb / 6P
   Power Inductor; CIG Series
More results

Similar Description - CIG10W4R7MNC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLPC05 ALLIED-MLPC05 Datasheet
2Mb / 1P
   Multilayer Power Chip Inductor
MLPC10 ALLIED-MLPC10 Datasheet
4Mb / 1P
   Multilayer Power Chip Inductor
MLPCH15 ALLIED-MLPCH15 Datasheet
4Mb / 1P
   Multilayer Power Chip Inductor
MLPC15N6 ALLIED-MLPC15N6 Datasheet
8Mb / 1P
   Multilayer Power Chip Inductor
MLPC12 ALLIED-MLPC12 Datasheet
4Mb / 1P
   Multilayer Power Chip Inductor
logo
Wurth Elektronik GmbH &...
74479876147C WURTH-74479876147C Datasheet
290Kb / 6P
   WE-PMI Power Multilayer Inductor
74479775233 WURTH-74479775233 Datasheet
1Mb / 7P
   WE-PMI Power Multilayer Inductor
74479875222C WURTH-74479875222C Datasheet
288Kb / 6P
   WE-PMI Power Multilayer Inductor
74479887310A WURTH-74479887310A Datasheet
1Mb / 7P
   WE-PMI Power Multilayer Inductor
74479876124C WURTH-74479876124C Datasheet
290Kb / 6P
   WE-PMI Power Multilayer Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com