Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH8318TRPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFH8318TRPBF
Description  Synchronous MOSFET for high frequency buck converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH8318TRPBF Datasheet(HTML) 5 Page - International Rectifier

  IRFH8318TRPBF Datasheet HTML 1Page - International Rectifier IRFH8318TRPBF Datasheet HTML 2Page - International Rectifier IRFH8318TRPBF Datasheet HTML 3Page - International Rectifier IRFH8318TRPBF Datasheet HTML 4Page - International Rectifier IRFH8318TRPBF Datasheet HTML 5Page - International Rectifier IRFH8318TRPBF Datasheet HTML 6Page - International Rectifier IRFH8318TRPBF Datasheet HTML 7Page - International Rectifier IRFH8318TRPBF Datasheet HTML 8Page - International Rectifier IRFH8318TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRFH8318PbF
www.irf.com
5
Fig 13. Maximum Avalanche Energy vs. Drain Current
Fig 12. On-Resistance vs. Gate Voltage
Fig 14b. Unclamped Inductive Waveforms
Fig 14a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
Fig 15a. Switching Time Test Circuit
Fig 15b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1
RD
VGS
RG
D.U.T.
10V
+
-VDD
VGS
0
5
10
15
20
VGS, Gate -to -Source Voltage (V)
2
4
6
8
10
ID = 20A
TJ = 25°C
TJ = 125°C
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
500
600
700
ID
TOP
5.6A
8.6A
BOTTOM 20A


Similar Part No. - IRFH8318TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH8318TRPBF IRF-IRFH8318TRPBF Datasheet
256Kb / 9P
   HEXFETPower MOSFET
More results

Similar Description - IRFH8318TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5250DTR2PBF IRF-IRFH5250DTR2PBF Datasheet
214Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTR2PBF IRF-IRFH5302DTR2PBF Datasheet
225Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5250DPBF IRF-IRFH5250DPBF Datasheet
214Kb / 8P
   Synchronous MOSFET for high frequency buck converters
logo
Infineon Technologies A...
IRFH8324PBF INFINEON-IRFH8324PBF Datasheet
268Kb / 9P
   Synchronous MOSFET for high frequency buck converters
June 2 2015
logo
International Rectifier
IRFH5250DPBF IRF-IRFH5250DPBF_15 Datasheet
298Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DPBF IRF-IRFH5302DPBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTRPBF IRF-IRFH5302DTRPBF Datasheet
331Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DPBF IRF-IRFH5302DPBF Datasheet
331Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH8311PBF IRF-IRFH8311PBF Datasheet
315Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFHM4226TRPBF IRF-IRFHM4226TRPBF Datasheet
394Kb / 8P
   Control or Synchronous MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com